Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC034 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GLC034
Description  N Channel Power MOSFET FOR LOGIC DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GLC034 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GLC034 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GLC034
N Channel Power MOSFET FOR LOGIC DRIVER
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dv/dt Rating
* 175℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
* RDS(ON) rated at VGS = 5V
* Ease of parallel
Mechanical Data:
D12
Dimension
3.64mm x 3.86mm
Thickness:
400
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
15 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
60
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
0.055
Ω
VGS=5V, ID=18
Α
Continuous Drain current ( in target package)
ID@25℃
30
A
VGS= 5V
Continuous Drain current ( in target package)
ID@100℃
21
A
VGS= 5V
Operation Junction Temperature
Tj
-55~175
℃
Storage Temperature
TSTR
-55~175
℃
Target Device: IRLZ34
TO-220AB
PD
88
W
@Tc=25℃


Similar Part No. - GLC034

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GLC014 GSG-GLC014 Datasheet
113Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVE
GLC024 GSG-GLC024 Datasheet
113Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC044 GSG-GLC044 Datasheet
112Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
logo
Shanghai Leiditech Elec...
GLC0521C LEIDITECH-GLC0521C Datasheet
417Kb / 3P
1-Line Bi-directional Low Capacitance TVS Diode
More results

Similar Description - GLC034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
N-CHANNEL Logic Level POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
N CHANNEL LOGIC LEVEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GLC014 GSG-GLC014 Datasheet
113Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVE
GLC024 GSG-GLC024 Datasheet
113Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC044 GSG-GLC044 Datasheet
112Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC110 GSG-GLC110 Datasheet
111Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC120 GSG-GLC120 Datasheet
116Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC130 GSG-GLC130 Datasheet
117Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC140 GSG-GLC140 Datasheet
116Kb / 1P
N Channel Power MOSFET for Logic Drive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com