Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL087IP Datasheet(PDF) 10 Page - Texas Instruments

Part # TL087IP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087IP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL087IP Datasheet HTML 6Page - Texas Instruments TL087IP Datasheet HTML 7Page - Texas Instruments TL087IP Datasheet HTML 8Page - Texas Instruments TL087IP Datasheet HTML 9Page - Texas Instruments TL087IP Datasheet HTML 10Page - Texas Instruments TL087IP Datasheet HTML 11Page - Texas Instruments TL087IP Datasheet HTML 12Page - Texas Instruments TL087IP Datasheet HTML 13Page - Texas Instruments TL087IP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
TYPICAL CHARACTERISTICS†
0
10 k
f – Frequency – Hz
0
10 k
f – Frequency – Hz
5
10
15
20
25
30
100 k
1 M
10 M
5
10
15
20
25
30
100 k
1 M
10 M
RL = 2 kΩ
TA = 125°C
VCC
± = ±5 V
TA = – 55°C
VCC
± = ±15 V
VCC
± = ±5 V
TA = 25°C
RL = 2 kΩ
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC
± = ±15 V
Figure 14
Figure 15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
20
25
30
15
10
5
0
10 k
100 k
f – Frequency – Hz
1 M
10 M
0
0
|IO| – Output Current – mA
50
16
10
20
30
40
2
4
6
8
10
12
14
VOM +
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 10 kΩ
TA = 25°C
VCC
± = ±15 V
VCC
± = ±5 V
VOM –
5
1525
3545
VCC
± = ±15 V
TA = 25°C
Figure 16
Figure 17
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com