Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF136B Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF136B
Description  136.00 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF136B Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF136B Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF136B Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
136.00 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© December 2005 by Vanlong Technology Co., Ltd.
SF136B
Package Dimensions (F-16)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
1
Input / Output
2
Case Ground
3
Case Ground
4
Output / Input
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
12.0
E
5.0
B
7.2
F
2.54
C
2.0
G
0.5
D
3.5
L = 12~20 turns of 0.51mm insulated copper, 4.0mm ID
SF136B
Ink Marking
Color: Black or Blue



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com