Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL287IP Datasheet(PDF) 15 Page - Texas Instruments

Part # TL287IP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL287IP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL287IP Datasheet HTML 11Page - Texas Instruments TL287IP Datasheet HTML 12Page - Texas Instruments TL287IP Datasheet HTML 13Page - Texas Instruments TL287IP Datasheet HTML 14Page - Texas Instruments TL287IP Datasheet HTML 15Page - Texas Instruments TL287IP Datasheet HTML 16Page - Texas Instruments TL287IP Datasheet HTML 17Page - Texas Instruments TL287IP Datasheet HTML 18Page - Texas Instruments TL287IP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
15
TYPICAL CHARACTERISTICS†
0
0
CL – Load Capacitance – pF
300
50
50
100
150
200
250
10
20
30
40
f – Frequency – Hz
10
10
20
30
40
50
70
100
100
1 k
10 k
100 k
See Figure 1
TA = 25°C
RL = 2 kΩ
VI(PP) = ± 10 mV
VCC
± = ±5 V
VCC
± = ±15 V
OVERSHOOT FACTOR
vs
LOAD CAPACITANCE
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC
± = ±15 V
RS = 100 Ω
TA = 25°C
See Figure 3
Figure 33
Figure 34
0
2.7
|VCC
±| – Supply Voltage – V
16
3.2
2
4
6
8
10
12
14
2.8
2.9
3
3.1
0.001
100
f – Frequency – Hz
0.01
0.1
1
1 k
10 k
100 k
VI = 10 mV
RL = 2 kΩ
CL = 25 pF
TA = 25°C
See Figure 4
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
VCC
± = ±15 V
AVD = 1
VO(rms) = 6 V
TA = 25°C
Figure 35
Figure 36
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com