Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3016CPWLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TL3016CPWLE
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016CPWLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL3016CPWLE Datasheet HTML 4Page - Texas Instruments TL3016CPWLE Datasheet HTML 5Page - Texas Instruments TL3016CPWLE Datasheet HTML 6Page - Texas Instruments TL3016CPWLE Datasheet HTML 7Page - Texas Instruments TL3016CPWLE Datasheet HTML 8Page - Texas Instruments TL3016CPWLE Datasheet HTML 9Page - Texas Instruments TL3016CPWLE Datasheet HTML 10Page - Texas Instruments TL3016CPWLE Datasheet HTML 11Page - Texas Instruments TL3016CPWLE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
TA – Free-Air Temperature – °C
Rising Edge
Falling Edge
10
5
0
– 50
– 25
0
25
50
15
20
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
25
75
100
125
VCC = ± 5 V
Figure 11
0
–2
–4
–6
– 50
– 25
0
25
50
2
4
COMMON-MODE INPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
6
75
100
125
TA – Free-Air Temperature – °C
VCC = 5 V (Upper Limit)
VCC = ± 5 V (Upper Limit)
VCC = 5 V (Lower Limit)
VCC = ± 5 V (Lower Limit)
Figure 12
TA – Free-Air Temperature – °C
1
0.6
0.4
0
–50
–25
0
25
50
1.6
1.8
2
75
100
125
150
1.4
1.2
0.8
0.2
VCC = ± 5 V
INPUT THRESHOLD VOLTAGE (LATCH ENABLE)
vs
FREE-AIR TEMPERATURE
Figure 13
3.8
05
10
4.6
4.8
5
15
20
OUTPUT VOLTAGE
vs
OUTPUT SOURCE CURRENT
IO(source) – Output Source Current – mA
TA = – 40°C
TA = 85°C
TA = 25°C
4.4
4.2
4
3.6
3.4
3.2
3
VCC = ± 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com