Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3695 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL3695
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3695 Datasheet(HTML) 2 Page - Texas Instruments

  TL3695 Datasheet HTML 1Page - Texas Instruments TL3695 Datasheet HTML 2Page - Texas Instruments TL3695 Datasheet HTML 3Page - Texas Instruments TL3695 Datasheet HTML 4Page - Texas Instruments TL3695 Datasheet HTML 5Page - Texas Instruments TL3695 Datasheet HTML 6Page - Texas Instruments TL3695 Datasheet HTML 7Page - Texas Instruments TL3695 Datasheet HTML 8Page - Texas Instruments TL3695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D – NOVEMBER 1988 – REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
TL3695D
TL3695P
The D package is available taped and reeled. Add the suffix R
to device type (e.g., TL3695DR).
Function Tables
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A – B
RE
R
VID ≥ 0.2 V
L
H
– 0.2 V < VID < 0.2 V
L
?
VID ≤ – 0.2 V
L
L
X
H
Z
Inputs open
L
H
H = high level, L = low level, ? = indeterminate, X = irrelevant,
Z = high impedance (off)
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
EN1
3
DE
EN2
2
A
6
1
B
7
1
R
1
2
4
D
RE
logic diagram (positive logic)
2
B
7
A
6
1
R
3
DE
4
D
Bus
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com