Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5502 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5502
Description  406.025 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5502 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5502 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5502 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
406.025 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© August 2004 by Vanlong Technology Co., Ltd.
SF5502
Package Dimensions (QCC8C)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
1
Input Ground
2
Input
5
Output Ground
6
Output
3,7
To be Grounded
4,8
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
L = 4 turns of 0.5mm insolated copper, 3.0mm ID
1- 5MHz/div
2 - 2MHz/div
Frequency
1
2
F5502
406025
YWW
1.
F5502 - Part Code
2.
Frequency (KHz) in 6 digits
3.
Date Code:
Y : Last digit of year
WW : Week No.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com