Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3695D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL3695D
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3695D Datasheet(HTML) 3 Page - Texas Instruments

  TL3695D Datasheet HTML 1Page - Texas Instruments TL3695D Datasheet HTML 2Page - Texas Instruments TL3695D Datasheet HTML 3Page - Texas Instruments TL3695D Datasheet HTML 4Page - Texas Instruments TL3695D Datasheet HTML 5Page - Texas Instruments TL3695D Datasheet HTML 6Page - Texas Instruments TL3695D Datasheet HTML 7Page - Texas Instruments TL3695D Datasheet HTML 8Page - Texas Instruments TL3695D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D – NOVEMBER 1988 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic of inputs and outputs
EQUIVALENT OF EACH INPUT
VCC
R(eq)
Input
Driver Input: R(eq) = 3 kΩ NOM
Enable Inputs: R(eq) = 8 kΩ NOM
R(eq) = equivalent resistor
TYPICAL OF A AND B I/O PORTS
VCC
180 k
Ω
NOM
Connected
on A Port
180 k
Ω
NOM
Connected
on B Port
A or B
18 k
Ω
NOM
3 k
Ω
NOM
1.1 k
Ω
NOM
TYPICAL OF RECEIVER OUTPUT
VCC
85
Ω
NOM
Output
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal
– 10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltage, are with respect to network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com