Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2 Datasheet(PDF) 61 Page - Motorola, Inc

Part # S12SCIV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SCIV2 Datasheet(HTML) 61 Page - Motorola, Inc

Back Button S12SCIV2 Datasheet HTML 57Page - Motorola, Inc S12SCIV2 Datasheet HTML 58Page - Motorola, Inc S12SCIV2 Datasheet HTML 59Page - Motorola, Inc S12SCIV2 Datasheet HTML 60Page - Motorola, Inc S12SCIV2 Datasheet HTML 61Page - Motorola, Inc S12SCIV2 Datasheet HTML 62Page - Motorola, Inc S12SCIV2 Datasheet HTML 63Page - Motorola, Inc S12SCIV2 Datasheet HTML 64Page - Motorola, Inc S12SCIV2 Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
61
RESET
————
VDDR
None
None
External Reset
TEST
————
N.A.
None
None
Test Input
VREGEN
————
VDDX
NA
NA
Voltage Regulator
Enable Input
XFC
————
VDDPLL
NA
NA
PLL Loop Filter
BKGD
TAGHI
MODC
—
—
VDDR
Always
Up
Up
Background Debug,
Tag High, Mode Input
PAD[15]
AN1[7]
ETRIG1
—
—
VDDA
None
None
Port AD Input,
Analog Inputs,
External Trigger
Input (ATD1)
PAD[14:8]
AN1[6:0]
—
—
—
VDDA
None
None
Port AD Input,
Analog Inputs
(ATD1)
PAD[7]
AN0[7]
ETRIG0
—
—
VDDA
None
None
Port AD Input, Analog
Inputs, External
Trigger Input (ATD0)
PAD[6:0]
AN0[6:0]
—
—
—
VDDA
None
None
Port AD Input, Analog
Inputs (ATD0)
PA[7:0]
ADDR[15:8]/
DATA[15:8]
—
—
—
VDDR
PUCR/
PUPAE
Disabled
Port A I/O,
Multiplexed
Address/Data
PB[7:0]
ADDR[7:0]/
DATA[7:0]
—
—
—
VDDR
PUCR/
PUPBE
Disabled
Port B I/O,
Multiplexed
Address/Data
PE7
NOACC
XCLKS
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Access,
Clock Select
PE6
IPIPE1
MODB
—
—
VDDR
While RESET pin
low:
Down
Port E I/O, Pipe
Status, Mode Input
PE5
IPIPE0
MODA
—
—
VDDR
Port E I/O, Pipe
Status, Mode Input
PE4
ECLK
—
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Bus Clock
Output
PE3
LSTRB
TAGLO
—
—
VDDR
Port E I/O, Byte
Strobe, Tag Low
PE2
R/W
—
—
—
VDDR
Port E I/O, R/W in
expanded modes
PE1
IRQ
—
—
—
VDDR
Up
Port E Input,
Maskable Interrupt
PE0
XIRQ
—
—
—
VDDR
Port E Input, Non
Maskable Interrupt
PH7
KWH7
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
PH6
KWH6
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
PH5
KWH5
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Pin Name
Function 5
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com