Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL5501
Description  6-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5501 Datasheet(HTML) 2 Page - Texas Instruments

  TL5501 Datasheet HTML 1Page - Texas Instruments TL5501 Datasheet HTML 2Page - Texas Instruments TL5501 Datasheet HTML 3Page - Texas Instruments TL5501 Datasheet HTML 4Page - Texas Instruments TL5501 Datasheet HTML 5Page - Texas Instruments TL5501 Datasheet HTML 6Page - Texas Instruments TL5501 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL5501
6-BIT ANALOG-TO-DIGITAL CONVERTER
SLAS026 – OCTOBER 1989 – REVISED APRIL 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalents of analog input circuit
ANLG VCC
VI
D
ri
VrefB
(see Note A)
Ci
Ibias
ANLG GND
ANLG VCC
VI
NOTE A: Ci – nonlinear emitter-follower junction capacitance
ri – linear resistance model for input current transition caused by comparator switching.
VI < VrefB: Infinite; CLK high: infinite.
VrefB – voltage at REFB terminal
Ibias – constant input bias current
D – base-collector junction diode of emitter-follower transistor
equivalent of digital input circuit
Vref = 1.4 V
Output
25 k
Ω
3.1 k
Ω
25 k
Ω
GND
VI
DGTL VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com