Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL05 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL05
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL05 Datasheet(HTML) 1 Page - Texas Instruments

  TL05 Datasheet HTML 1Page - Texas Instruments TL05 Datasheet HTML 2Page - Texas Instruments TL05 Datasheet HTML 3Page - Texas Instruments TL05 Datasheet HTML 4Page - Texas Instruments TL05 Datasheet HTML 5Page - Texas Instruments TL05 Datasheet HTML 6Page - Texas Instruments TL05 Datasheet HTML 7Page - Texas Instruments TL05 Datasheet HTML 8Page - Texas Instruments TL05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Direct Upgrades to TL07x and TL08x BiFET
Operational Amplifiers
D Faster Slew Rate (20 V/µs Typ) Without
Increased Power Consumption
D On-Chip Offset Voltage Trimming for
Improved DC Performance and Precision
Grades Are Available (1.5 mV, TL051A)
D Available in TSSOP for Small Form-Factor
Designs
description
The TL05x series of JFET-input operational amplifiers offers improved dc and ac characteristics over the TL07x
and TL08x families of BiFET operational amplifiers. On-chip zener trimming of offset voltage yields precision
grades as low as 1.5 mV (TL051A) for greater accuracy in dc-coupled applications. Texas Instruments improved
BiFET process and optimized designs also yield improved bandwidth and slew rate without increased power
consumption. The TL05x devices are pin-compatible with the TL07x and TL08x and can be used to upgrade
existing circuits or for optimal performance in new designs.
BiFET operational amplifiers offer the inherently higher input impedance of the JFET-input transistors, without
sacrificing the output drive associated with bipolar amplifiers. This makes them better suited for interfacing with
high-impedance sensors or very low-level ac signals. They also feature inherently better ac response than
bipolar or CMOS devices having comparable power consumption.
The TL05x family was designed to offer higher precision and better ac response than the TL08x with the low
noise floor of the TL07x. Designers requiring significantly faster ac response or ensured lower noise should
consider the Excalibur TLE208x and TLE207x families of BiFET operational amplifiers.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
800
µV
TL051ACD
TL052ACD
—
—
—
—
TL051ACP
TL052ACP
TL051Y
0
°C to 70°C
1.5 mV
TL051CD
TL052CD
TL054ACD
—
—
—
TL054ACN
TL051CP
TL052CP
TL051Y
TL052Y
TL054Y
4 mV
TL054CD
—
—
—
TL054CN
—
800
µV
TL051AID
TL052AID
—
—
—
—
TL051AIP
TL052AIP
–40
°C to 85°C
1.5 mV
TL051ID
TL052ID
TL054AID
—
—
—
TL054AIN
TL051IP
TL052IP
—
4 mV
TL054ID
—
—
TL054IN
—
800
µV
TL051AMD
TL052AMD
TL051AMFK
TL052AMFK
—
TL051AMJG
TL052AMJG
—
TL051AMP
TL052AMP
–55
°C to 125°C
1.5 mV
TL051MD
TL052MD
TL054AMD
TL051MFK
TL052MFK
TL054AMFK
TL054AMJ
TL051MJG
TL052MJG
TL054AMN
TL051MP
TL052MP
—
4 mV
TL054MD
TL054MFK
TL054MJ
—
TL054MN
—
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TL054CDR).
‡ Chip forms are tested at 25
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL05

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL05020AV TRANSKO-TL05020AV Datasheet
535Kb / 4P
50.0 MHz IF SAW Filter / 20.04 MHz Bandwidth
Revision 0: 29 Oct. 2009
logo
STMicroelectronics
TL051 STMICROELECTRONICS-TL051 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Texas Instruments
TL051 TI2-TL051 Datasheet
1Mb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 2003
TL051A TI1-TL051A Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET
TL051ACD TI-TL051ACD Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results

Similar Description - TL05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI-TL03X Datasheet
1Mb / 63P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI-TL03X_08 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL031 TI1-TL031 Datasheet
1Mb / 72P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI1-TL03X_15 Datasheet
2Mb / 74P
ENHANCED-JFET LOW-POWER LOW-OFFSET
TL05X TI1-TL05X_14 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com