Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCLM635P20RD3 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # FCLM635P20RD3
Description  Fiber Coupled Laser Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

FCLM635P20RD3 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  FCLM635P20RD3 Datasheet HTML 1Page - OPLINK Communications Inc. FCLM635P20RD3 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Condition
Min
Typ
Max
Unit
Optical Performance
Wavelength
T= 25°C
635
nm
Output Power
T= 25°C
20
mW
Noise(RMS)
10~20 MHz
0.1
0.3
%
Power Stability
1hrs, T= 25°C
0.25
0.5
%
Power Stability
24hrs, T= 25°C
0.75
1
%
Polarization Extinction Ratio
15
dB
Collimated Beam Parameters
M2
1.2
Beam Diameter
1/e2
0.7, 0.9, 1.5, 2.0, 4.0, 6.0
mm
Beam Divergence
full angle
1
mrad
Pointing Stability
2hrs, T= 25°C
5
urad
Pointing Stability
1
urad/°C
Fiber Information
Length
1, 2, 3
m
Fiber Type
SM / PM
Mode Field Diameter
3
um
NA
0.12
Fiber Jacket Diameter
3
mm
Electrical Parameters
Power Supply
9
V
Power Consumption
3
10
W
Current(TEC)
2
A
Current(LD)
200
mA
Temperature Stability
0.2
°C
Control
ACC
Power Setting
0% ~ 100% output power
Environmental Conditions
Storage Temperature
0 to + 50
°C
Operation Temperature
+ 10 to + 40
°C
Operation Humidity
No Condensing
Package Dimensions *
112 x 56 x 26.5
mm
Applications
Performance Specificationns
Note:
* The mechanical tolerance should be +/-0.2
mm on all package dimensions unless otherwise
custom specified.
R04.20090331
Fiber Coupled Laser Module (635 nm)
FCLM635 Series
The FCLMTM Laser Module is a temperature stabilized semiconductor laser cou-
pled with single mode fiber. It features very low M2 value Gaussian beam output
with excellent beam pointing stability at a wide temperature dynamic range.The
unique designed electrical driver enable this optical engine has the lowest power
consumptions compare to the similar product in the industry.The FCLMTM Laser
Module is a Class III b laser product
Plug & Play
ESD Protection
Power Adjustable
LD Current Full Protection
LD Temperature Stabilized
Compact Size
Polarization Maintaining Fiber
High Speed Modulation
Remote Control
Collimated & Focused Beam
Metal Jacket Protection


Similar Part No. - FCLM635P20RD3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
FCLM658P25LD0 OPLINK-FCLM658P25LD0 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
FCLM658P25LD1 OPLINK-FCLM658P25LD1 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
FCLM658P25LD2 OPLINK-FCLM658P25LD2 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
FCLM658P25LD3 OPLINK-FCLM658P25LD3 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
FCLM658P25LD4 OPLINK-FCLM658P25LD4 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
More results

Similar Description - FCLM635P20RD3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
FCLM375S08LD1 OPLINK-FCLM375S08LD1 Datasheet
370Kb / 2P
Fiber Coupled Laser Module
FCLM405S25LD1 OPLINK-FCLM405S25LD1 Datasheet
371Kb / 2P
Fiber Coupled Laser Module
FCLM440S18LD1 OPLINK-FCLM440S18LD1 Datasheet
369Kb / 2P
Fiber Coupled Laser Module
FCLM473S08LD1 OPLINK-FCLM473S08LD1 Datasheet
370Kb / 2P
Fiber Coupled Laser Module
FCLM658S25LD1 OPLINK-FCLM658S25LD1 Datasheet
372Kb / 2P
Fiber Coupled Laser Module
FCLM670S5LD1 OPLINK-FCLM670S5LD1 Datasheet
370Kb / 2P
Fiber Coupled Laser Module
FCLM785S15LD1 OPLINK-FCLM785S15LD1 Datasheet
373Kb / 2P
Fiber Coupled Laser Module
FCLM830S20LD1 OPLINK-FCLM830S20LD1 Datasheet
371Kb / 2P
Fiber Coupled Laser Module
logo
Analog Technologies, In...
ATFLD1W830 ANALOGTECHNOLOGIES-ATFLD1W830 Datasheet
250Kb / 3P
Fiber Coupled Laser Diode Module
3/18/2021
ATFLD3W830 ANALOGTECHNOLOGIES-ATFLD3W830 Datasheet
237Kb / 3P
Fiber Coupled Laser Diode Module
3/18/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com