Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCLM635S20LM3 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # FCLM635S20LM3
Description  Fiber Coupled Laser Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

FCLM635S20LM3 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  FCLM635S20LM3 Datasheet HTML 1Page - OPLINK Communications Inc. FCLM635S20LM3 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This component does not comply with the Federal Regulations (21 CFR Subchapter1 ) as administered by the Center for Devices and Radiological health. Purchaser acknowledges that his/
her products must comply with these regulations before they can be sold to a customer. The output light from this product is harmful to a human body even if it is invisible. Avoid looking at
the output of this product directly, or through a lens during operation. Observance of operation should be through a TV camera or related equipment. Refer to IEC 825-1 and 21 CFR 1040.10-
1040.11 as a radiation safety standard for laser products.
Oplink follows a policy of continuous product improvement. Specifications are subject to change without prior notice.
The module’s warranty is 1 year.
FCLM
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
5
3
6
Beam Size
Power Output
Control Type
Operation Type
Fiber Type
0.7mm = 1
0.9mm = 2
1.5mm = 3
2.0mm = 4
4.0mm = 5
6.0mm = 6
None = 0
20mW = 20
Local = L
Remote = R
Single Mode = S
Polarization Maintain = P
Wavelength
Fiber Length
635 nm= 635
1 Meter 3mm Cable = 1
3 Meter 3mm Cable = 2
1 Meter Metal Jacket = 3
3 Meter Metal Jacket = 4
2 Meter 3mm Cable = 5
2 Meter Metal Jacket = 6
Connector Type
None = 1
FC/PC = 2
FC/APC = 3
Fiber Coupled Laser Module
FCLM635 Series
R04.20090331
DC = D
Modulation = M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com