Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL714C Datasheet(PDF) 2 Page - Texas Instruments

Part # TL714C
Description  HIGH-SPEED DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL714C Datasheet(HTML) 2 Page - Texas Instruments

  TL714C Datasheet HTML 1Page - Texas Instruments TL714C Datasheet HTML 2Page - Texas Instruments TL714C Datasheet HTML 3Page - Texas Instruments TL714C Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL714C
HIGH-SPEED DIFFERENTIAL COMPARATOR
SLCS015 – DECEMBER 1988 – REVISED JUNE 1989
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
± 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
VCC to GND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output current, IOL
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltage, are with respect to the network ground.
2. Differential voltage values are at IN+ with respect to IN –.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
DERATE
ABOVE TA
TA = 75°C
POWER RATING
D
P
500 mW
500 mW
5.8 mW/
°C
N/A
64
°C
N/A
464 mW
500 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.75
5.25
V
Common-mode input voltage, VIC
1.4
to
VCC – 1.4
V
High-level output current, IOH
– 1
mA
Low-level output current, IOL
16
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over free-air operating temperature range, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VT
Threshold voltage (VT+ – VT–)
VIC = 1.4 V to 3.6 V
–75§
75
mV
Vhys
Hysteresis (VT+ – VT–)
2
10
30
mV
VOH
High-level output voltage
VID = 100 mV,
IOH = – 1 mA
2.7
3.4
V
VOL
Low-level output voltage
VID = – 100 mV, IOL = 16 mA
0.4
0.5
V
IOS
Short-circuit output current
– 30
– 110
mA
ri
Differential input resistance
2.9
k
Ω
ICC
Supply current
VID = –100 mV,
IO = 0
7
12
mA
‡ All typical values are at TA = 25°C.
§ The algebraic convention, where the more negative limit is designated as minimum, is used in this data sheet for input threshold voltage levels
only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com