Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CDB Datasheet(PDF) 8 Page - Texas Instruments

Part # TL494CDB
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CDB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL494CDB Datasheet HTML 4Page - Texas Instruments TL494CDB Datasheet HTML 5Page - Texas Instruments TL494CDB Datasheet HTML 6Page - Texas Instruments TL494CDB Datasheet HTML 7Page - Texas Instruments TL494CDB Datasheet HTML 8Page - Texas Instruments TL494CDB Datasheet HTML 9Page - Texas Instruments TL494CDB Datasheet HTML 10Page - Texas Instruments TL494CDB Datasheet HTML 11Page - Texas Instruments TL494CDB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Df = 1%
†
40
10
100
1 k
4 k
10 k
40 k
100 k
400 k
1 M
OSCILLATOR FREQUENCY AND
FREQUENCY VARIATION†
vs
TIMING RESISTANCE
400
1 k
4 k
10 k
40 k
100 k
RT − Timing Resistance − Ω
0.1
µF
−2%
−1%
0%
0.01
µF
0.001
µF
VCC = 15 V
TA = 25°C
CT = 1 µF
† Frequency variation (
∆f) is the change in oscillator frequency that occurs over the full temperature range.
10
0
100
20
1
10
100
1 M
30
f − Frequency − Hz
AMPLIFIER VOLTAGE AMPLIFICATION
vs
FREQUENCY
1 k
VCC = 15 V
∆VO = 3 V
TA = 25°C
10 k
40
50
60
70
80
90
100 k
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
Figure 5.
Figure 6.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com