Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDM591SA004 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWDM591SA004
Description  Mini Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWDM591SA004 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWDM591SA004 Datasheet HTML 1Page - OPLINK Communications Inc. SWDM591SA004 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oplink Communications, Inc.
Mini SWDM Series
Amplifier Components
Amplifier Modules
DWDMs
Switching/Routing/
Monitoring/ Conditioning
Transmission
RGB Laser Modules
Oplink Fiber Optic
Product Lines
Performance Specifications
s
t
i
n
U
e
d
a
r
G
B
e
d
a
r
G
A
e
d
a
r
G
P
r
e
t
e
m
a
r
a
P
m
n
5
6
5
1
~
5
3
5
1
/
0
9
9
~
0
7
9
e
g
n
a
R
h
t
g
n
e
l
e
v
a
W
g
n
it
a
r
e
p
O
Insertion Loss (970~990nm/1535~1565nm)
< 0.15
< 0.2
< 0.3
dB
B
d
0
2
>
n
o
it
a
l
o
s
I
B
d
1
.
0
<
)
L
D
P
(
s
s
o
L
t
n
e
d
n
e
p
e
D
n
o
it
a
z
i
r
a
l
o
P
s
p
5
5
>
y
ti
v
it
c
e
r
i
D
W
m
0
0
5
g
n
il
d
n
a
H
r
e
w
o
P
m
u
m
i
x
a
M
C
°
0
7
+
o
t
0
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
C
°
5
8
+
o
t
0
4
-
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
Fiber Type
PureMode HI980, HI1060 FLEX
PureMode RC980 80µm
Package Dimension *
P4: HI 980 or HI 1060 FLEX (φ)3.0 x (L)40
mm
P8: RC980/80µm
(φ)3.0 x (L)35
mm
Values are referenced without connector loss.
* The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Features
Compact Package Size
80 µm Fiber Pigtail Option
Low Insertion Loss
High Isolation
Highly Stable & Reliable
Applications
EDFA & Raman Amplifiers
Laboratory R&D
Mini Fused Single-Mode WDM (980/1550 nm)
Oplink's mini 980/1550 nm fused single-mode wavelength division
multiplexers provide high performance and high reliability with extremely
compact package size. The short length of the package provides real estate
flexibility to EDFA design. With pigtail options of PureMode HI980
and reduced cladding 980 fibers, the bending radius and bending loss
can be achieved to be extremely small.
Oplink can provide customized designs to meet specialized
feature applications. Also, Oplink offers modular
assemblies that integrate other components to form a
full function module or subsystem.
Mini Fused Single-Mode WDM
(980/1550 nm)


Similar Part No. - SWDM591SA004

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM591SA0016 OPLINK-SWDM591SA0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM591SA0019 OPLINK-SWDM591SA0019 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM591SA0026 OPLINK-SWDM591SA0026 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM591SA0029 OPLINK-SWDM591SA0029 Datasheet
274Kb / 2P
Fused Single-Mode WDM
More results

Similar Description - SWDM591SA004

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SP OPLINK-SWDM541SP Datasheet
277Kb / 2P
Fused Single-Mode WDM
SWDM591SP0016 OPLINK-SWDM591SP0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59-S0168 OPLINK-SWDM59-S0168 Datasheet
172Kb / 2P
Fused Single-Mode WDM
MINI-SWDM OPLINK-MINI-SWDM Datasheet
286Kb / 2P
Mini Fused Single-Mode WDM
SWDM53 OPLINK-SWDM53 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com