Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7702A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702A
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702A Datasheet(HTML) 1 Page - Texas Instruments

  TL7702A Datasheet HTML 1Page - Texas Instruments TL7702A Datasheet HTML 2Page - Texas Instruments TL7702A Datasheet HTML 3Page - Texas Instruments TL7702A Datasheet HTML 4Page - Texas Instruments TL7702A Datasheet HTML 5Page - Texas Instruments TL7702A Datasheet HTML 6Page - Texas Instruments TL7702A Datasheet HTML 7Page - Texas Instruments TL7702A Datasheet HTML 8Page - Texas Instruments TL7702A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028E – APRIL 1983 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After Voltage
Drop
D Wide Supply-Voltage Range
D Precision Voltage Sensor
D Temperature-Compensated Voltage
Reference
D True and Complement Reset Outputs
D Externally Adjustable Pulse Duration
description
The TL77xxA family of integrated-circuit supply-voltage supervisors is specifically designed for use as reset
controllers in microcomputer and microprocessor systems. The supply-voltage supervisor monitors the supply
for undervoltage conditions at the SENSE input. During power up, the RESET output becomes active (low)
when VCC attains a value approaching 3.6 V. At this point (assuming that SENSE is above VIT+), the delay timer
function activates a time delay, after which outputs RESET and RESET go inactive (high and low, respectively).
When an undervoltage condition occurs during normal operation, outputs RESET and RESET go active. To
ensure that a complete reset occurs, the reset outputs remain active for a time delay after the voltage at the
SENSE input exceeds the positive-going threshold value. The time delay is determined by the value of the
external capacitor CT: td = 1.3 × 104 × CT, where CT is in farads (F) and td is in seconds (s).
During power down (assuming that SENSE is below VIT–), the outputs remain active until the VCC falls below
a maximum of 2 V. After this, the outputs are undefined.
An external capacitor (typically 0.1
µF for the TL77xxAC and TL77xxAI) must be connected to REF to reduce
the influence of fast transients in the supply voltage.
The TL77xxAC series is characterized for operation from 0
°C to 70°C. The TL77xxAI series is characterized
for operation from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL
OUTLINE
(D)
PLASTIC
DIP
(P)
CHIP
FORM
(Y)
0
°C to 70°C
TL7702ACD
TL7705ACD
TL7709ACD
TL7712ACD
TL7715ACD
TL7702ACP
TL7705ACP
TL7709ACP
TL7712ACP
TL7715ACP
TL7702ACY
TL7705ACY
TL7709ACY
TL7712ACY
TL7715ACY
–40
°C to 85°C
TL7702AID
TL7705AID
TL7709AID
TL7712AID
TL7715AID
TL7702AIP
TL7705AIP
TL7709AIP
TL7712AIP
TL7715AIP
The D package is available taped and reeled. Add the suffix R to the
device type (e.g., TL7702ACDR). Chip forms are tested at 25
°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
REF
RESIN
CT
GND
VCC
SENSE
RESET
RESET
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TL7702A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7702A STMICROELECTRONICS-TL7702A Datasheet
67Kb / 7P
SUPPLY VOLTAGE SUPERVISORS
Aug-1996
TL7702A STMICROELECTRONICS-TL7702A Datasheet
50Kb / 7P
SUPPLY VOLTAGE SUPERVISORS
Apr-2000
logo
Texas Instruments
TL7702A TI-TL7702A Datasheet
340Kb / 17P
Supply voltage Supervisor
TL7702A TI-TL7702A Datasheet
346Kb / 17P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
552Kb / 21P
SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7702A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
SUPPLY VOLTAGE SUPERVISORS
Apr-2000
logo
Texas Instruments
TL7702B TI-TL7702B Datasheet
159Kb / 11P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759 Datasheet
87Kb / 6P
SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702-705-733B TI-TL7702-705-733B Datasheet
138Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com