Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC327 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC327
Description  Amplifier Transistors(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC327 Datasheet(HTML) 2 Page - Motorola, Inc

  BC327 Datasheet HTML 1Page - Motorola, Inc BC327 Datasheet HTML 2Page - Motorola, Inc BC327 Datasheet HTML 3Page - Motorola, Inc BC327 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC327,-16,-25 BC328,-16,-25
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –100 mA, VCE = –1.0 V)
BC327/BC328
BC327–16/BC328–16
BC327–25/BC328–25
(IC = –300 mA, VCE = –1.0 V)
hFE
100
100
160
40
—
—
—
—
630
250
400
—
—
Base–Emitter On Voltage
(IC = –300 mA, VCE = –1.0 V)
VBE(on)
—
—
–1.2
Vdc
Collector – Emitter Saturation Voltage
(IC = –500 mA, IB = –50 mA)
VCE(sat)
—
—
–0.7
Vdc
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = –10 V, IE = 0, f = 1.0 MHz)
Cob
—
11
—
pF
Current – Gain — Bandwidth Product
(IC = –10 mA, VCE = –5.0 V, f = 100 MHz)
fT
—
260
—
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
θJC(t) = (t) θJC
θJC = 100°C/W MAX
θJA(t) = r(t) θJA
θJA = 375°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE
–1000
–10
–100
–1.0
–3.0
–10
–30
VCE, COLLECTOR–EMITTER VOLTAGE
Figure 2. Active Region — Safe Operating Area
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
–100
1000
10
–1000
–0.1
–10
–100
100
–1.0
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
100
µs
VCE = –1.0 V
TA = 25°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com