Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7702B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702B
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702B Datasheet(HTML) 1 Page - Texas Instruments

  TL7702B Datasheet HTML 1Page - Texas Instruments TL7702B Datasheet HTML 2Page - Texas Instruments TL7702B Datasheet HTML 3Page - Texas Instruments TL7702B Datasheet HTML 4Page - Texas Instruments TL7702B Datasheet HTML 5Page - Texas Instruments TL7702B Datasheet HTML 6Page - Texas Instruments TL7702B Datasheet HTML 7Page - Texas Instruments TL7702B Datasheet HTML 8Page - Texas Instruments TL7702B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL7702B, TL7705B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037H – SEPTEMBER 1989 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After
Voltage Drop
D RESET Output Defined From VCC ≥ 1 V
D Precision Voltage Sensor
D Temperature-Compensated Voltage
Reference
D True and Complement Reset Outputs
D Externally Adjustable Pulse Duration
description
The TL7702B and TL7705B are integrated-circuit
supply-voltage supervisors designed for use as
reset
controllers
in
microcomputer
and
microprocessor systems. The supply-voltage
supervisor monitors the supply for undervoltage
conditions at the SENSE input. During power up,
the RESET output becomes active (low) when
VCC attains a value approaching 1 V. As VCC
approaches 3 V (assuming that SENSE is above
VT+), the delay timer function activates a time
delay, after which outputs RESET and RESET go
inactive (high and low, respectively). When an
undervoltage condition occurs during normal
operation, outputs RESET and RESET go active.
To ensure that a complete reset occurs, the reset
outputs remain active for a time delay after the
voltage at the SENSE input exceeds the
positive-going threshold value. The time delay is
determined by the value of the external capacitor
CT: td ≈ 2.6 × 104 × CT, where CT is in farads (F)
and td is in seconds (s).
An external capacitor (typically 0.1
µF) must be
connected to REF to reduce the influence of fast
transients in the supply voltage.
The TL7702BC and TL7705BC are characterized for operation from 0
°C to 70°C. The TL7702BI and TL7705BI
are characterized for operation from –40
°C to 85°C. The TL7705BQ is characterized for operation from –40°C
to 125
°C. The TL7705BM is characterized for operation from –55°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
SENSE
NC
RESET
NC
NC
RESIN
NC
CT
NC
TL7705BM ...FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
REF
RESIN
CT
GND
VCC
SENSE
RESET
RESET
TL77xxBC ...D OR P PACKAGE
TL7705BM . . . JG PACKAGE
TL7705BQ ...D PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
REF
RESIN
CT
GND
NC
VCC
SENSE
RESET
RESET
TL7705BM ...U PACKAGE
(TOP VIEW)
NC – No internal connection
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL7702B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B Datasheet
340Kb / 17P
Supply voltage Supervisor
TL7702B TI-TL7702B Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
138Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI2-TL7702B Datasheet
1Mb / 27P
TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
REVISED DECEMBER 2020
More results

Similar Description - TL7702B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
SUPPLY VOLTAGE SUPERVISORS
Apr-2000
logo
Texas Instruments
TL7702A TI-TL7702A Datasheet
140Kb / 10P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759 Datasheet
87Kb / 6P
SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702-705-733B TI-TL7702-705-733B Datasheet
138Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com