Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7757LP Datasheet(PDF) 8 Page - Texas Instruments

Part # TL7757LP
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7757LP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL7757LP Datasheet HTML 3Page - Texas Instruments TL7757LP Datasheet HTML 4Page - Texas Instruments TL7757LP Datasheet HTML 5Page - Texas Instruments TL7757LP Datasheet HTML 6Page - Texas Instruments TL7757LP Datasheet HTML 7Page - Texas Instruments TL7757LP Datasheet HTML 8Page - Texas Instruments TL7757LP Datasheet HTML 9Page - Texas Instruments TL7757LP Datasheet HTML 10Page - Texas Instruments TL7757LP Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041E – SEPTEMBER 1991 – REVISED JULY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
1.36
1.28
0.028
0.032
–75
– 50
– 25
0
25
50
1.44
1.48
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
1.52
75
100
125
1.4
1.32
0.036
0.024
0.020
0.040
TA – Free-Air Temperature – °C
VCC = 7 V
VCC = 5.5 V
RL = 0
VCC = 4.3 V
Figure 6
50
40
20
10
0
90
30
04
8
12
70
60
80
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
100
16
20
110
120
IOL – Low-Level Output Current – mA
VCC = 1 V
VCC = 4.3 V
TA = 25°C
Figure 7
Figure 8
60
40
20
0
80
100
120
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–100
– 50
0
50
100
150
VCC = 4.3 V
IOL = 20 mA
IOL = 8 mA
IOL = 1 mA
TA – Free-Air Temperature – °C
Figure 9
0.006
0.004
0.002
0
0.75
0.8
0.85
0.9
0.008
0.01
OUTPUT CURRENT
vs
SUPPLY VOLTAGE
0.012
0.95
1
1.05
0.014
0.016
0.018
0.02
VCC – Supply Voltage – V
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com