Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7770 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL7770
Description  DUAL POWER-SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7770 Datasheet(HTML) 2 Page - Texas Instruments

  TL7770 Datasheet HTML 1Page - Texas Instruments TL7770 Datasheet HTML 2Page - Texas Instruments TL7770 Datasheet HTML 3Page - Texas Instruments TL7770 Datasheet HTML 4Page - Texas Instruments TL7770 Datasheet HTML 5Page - Texas Instruments TL7770 Datasheet HTML 6Page - Texas Instruments TL7770 Datasheet HTML 7Page - Texas Instruments TL7770 Datasheet HTML 8Page - Texas Instruments TL7770 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL7770-5, TL7770-12
DUAL POWER-SUPPLY SUPERVISORS
SLVS019F – OCTOBER 1987 – REVISED JULY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
CHIP FORM
(Y)
0
°C to 70°C
TL7770-5CDW
TL7770-12CDW
TL7770-5CN
TL7770-12CN
TL7770-5Y
TL7770-12Y
–40
°C to 85°C
TL7770-5IDW
TL7770-5IN
—
DW package is available taped and reeled. Add the suffix R to the device type
(e.g., TL7770-5CDWR). Chip forms are tested at 25
°C.
functional block diagram (each channel)
65
µA (TYP)
R1
RESET
Vref
RESET
R2
VCC
RESIN
VSO
VSU
CT
2 mA
(TYP)
SCR DRIVE
DEVICE
1 VSU
2 VSU
R1†
TL7770-5
TL7770-12
R2†
R1
R2
† The values listed are nominal.
24 k
Ω
70 k
Ω
10 k
Ω
10 k
Ω
Short
Short
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com