Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFMS22AMD10 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS22AMD10
Description  Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS22AMD10 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS22AMD10 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS22AMD10 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Symbol
Min
Typ.
Max
Unit
Wavelength Range
λ
op
770 ~ 890 and/or 1260 or 1360
nm
Insertion Loss 1
IL
1.0
dB
Cross-talk
40
dB
Repeatability
±0.05
dB
Return Loss
RL
30
dB
Optical Input Power
300
mW
Coil Resis-
tance
Latching
101.2 ± 10%
Ω
Non-latching
145 ± 10%
Ω
Switching Speed
10
ms
Durability
10 7
cycle
Cycle Rate
10
Hz
Switch Relay Type
Two coils, latching or single coil, non-latching
Driving Voltage 2
4.5 ~ 5.5
VDC
Operating Temperature
T
op
0
70
°C
Storage Temperature
T
sto
-40
80
°C
Fiber Type
50μm or 62.5μm core multi-mode fiber
Dimension
Bare fiber
P1: 41.5 (L) x 15.5 (W) x 9.0 (H)
mm
900μm loose tube
P2: 44.0 (L) x 15.5 (W) x 9.0 (H)
mm
Applications
Performance Specificationns
Notes:
1) Based on FOTP-34 method A, steady state equilibrium launch conditions. Within operating tempera-
ture range. Exclude connector insertion loss.
2) A minimum >20ms pulse is recommended for latching type of switch.
R02.20090524
OFMS Series Multi-mode 1x1, 1x2 and 2x2
(Add/Drop) Optical Fiber Switches
OFMSMM Series
Oplink’s OFMS series optical fiber switches offer industry leading perfor-
mance specifications with Telcordia compliant reliability. The multi-mode
switches are designed for use in protection, channel selection, fiber ring
network node bypassing and testing.
These patented opto-mechanical switches can be directly mounted on print-
ed circuit boards and feature less than 0.5dB typical insertion loss. Oplink’s
unique prism design improves the switch repeatability and stability. The
OFMS switches are GR-1221 and GR-1073 qualified.
Oplink provides customized design to meet special control and applications.
Also, Oplink offers modular assemblies that integrate other components to
form a full function module or subsystem.
Low Insertion Loss
Wide Wavelength Range
Highly Stable & Reliable
Epoxy-Free Optical Path
Latching or Non-latching Configurations
Optical Bypass Protection
Optical Routing
Fiber Optic Component Test


Similar Part No. - OFMS22AMD10

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS22AD300111 OPLINK-OFMS22AD300111 Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS22AD300112 OPLINK-OFMS22AD300112 Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS22AD300115 OPLINK-OFMS22AD300115 Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS22AD30011H OPLINK-OFMS22AD30011H Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS22AD300221 OPLINK-OFMS22AD300221 Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
More results

Similar Description - OFMS22AMD10

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
1039157 FINISAR-1039157 Datasheet
106Kb / 1P
1X2 Multi-Mode Fiber Coupler (MMC)
logo
OPLINK Communications I...
OFMS2200D0011H OPLINK-OFMS2200D0011H Datasheet
326Kb / 2P
Full 2x2 Optical Fiber Switches
OFMS11MI80M21 OPLINK-OFMS11MI80M21 Datasheet
305Kb / 2P
Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMSD12M80011 OPLINK-OFMSD12M80011 Datasheet
300Kb / 2P
Multi-mode Dual 1x2 or 2x2 Add/Drop Optical Fiber Switches
OFMS1100D0011H OPLINK-OFMS1100D0011H Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS11MUD0 OPLINK-OFMS11MUD0 Datasheet
319Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
2x2 Optical Fiber Switches
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
Optical Fiber Switches
OFMS12MIE02111 OPLINK-OFMS12MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
OFMS22MIE02111 OPLINK-OFMS22MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com