Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC1078 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1078
Description  LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC1078 Datasheet HTML 17Page - Texas Instruments TLC1078 Datasheet HTML 18Page - Texas Instruments TLC1078 Datasheet HTML 19Page - Texas Instruments TLC1078 Datasheet HTML 20Page - Texas Instruments TLC1078 Datasheet HTML 21Page - Texas Instruments TLC1078 Datasheet HTML 22Page - Texas Instruments TLC1078 Datasheet HTML 23Page - Texas Instruments TLC1078 Datasheet HTML 24Page - Texas Instruments TLC1078 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
™ µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179 – FEBRUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
VDD = 10 V
VDD = 5 V
TA = 25°C
IOL = 5 mA
VIC = |VID/2|
0
100
200
300
400
500
600
700
800
–8
–6
–4
–2
–10
VID – Differential Input Voltage – V
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 16
VDD = 10 V
VDD = 5 V
VID = –1 V
VIC = 0.5 V
IOL = 5 mA
800
700
600
500
400
300
200
100
100
75
50
25
0
–25
–50
900
125
TA – Free-Air Temperature – °C
0
–75
LOW-LEVEL OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
Figure 17
VDD = 5 V
VDD = 4 V
VDD = 3 V
TA = 25°C
VIC = 0.5 V
VID = – 1 V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
7
6
5
4
3
2
1
0
8
1
IOL – Low-Level Output Current – mA
0
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 18
VDD = 16 V
VDD = 10 V
VID = –1 V
VIC = 0.5 V
TA = 25°C
2.5
2
1.5
1
0.5
25
20
15
10
5
0
30
3
IOL – Low-Level Output Current – mA
0
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com