Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC1514 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1514
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1514 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC1514 Datasheet HTML 17Page - Texas Instruments TLC1514 Datasheet HTML 18Page - Texas Instruments TLC1514 Datasheet HTML 19Page - Texas Instruments TLC1514 Datasheet HTML 20Page - Texas Instruments TLC1514 Datasheet HTML 21Page - Texas Instruments TLC1514 Datasheet HTML 22Page - Texas Instruments TLC1514 Datasheet HTML 23Page - Texas Instruments TLC1514 Datasheet HTML 24Page - Texas Instruments TLC1514 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = VREFP = 4.5 V to
5.5 V, SCLK frequency = 20 MHz at 5 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VCC = 5.5 V, IOH = –20 µA at 30 pF load
2.4
V
VOL
Low-level output voltage
VCC = 5.5 V, IOL = 20 µA at 30 pF load
0.4
V
IOZ
Off-state output current
VO = VCC
CS
V
1
2.5
µA
IOZ
O sae ou u cu e
(high-impedance-state)
VO = 0
CS = VCC
–1
-2.5
µA
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0 V
–0.005
2.5
µA
ICC
Operating supply current, normal sampling
CS at 0 V, Ext ref
VCC = 4.5 V to 5.5 V
4
mA
ICC
Oe a
g su
y cu e , o
a sa
g
(short)
CS at 0 V, Int ref
VCC = 4.5 V to 5.5 V
6
mA
ICC
Operating supply current extended sampling
CS at 0 V, Ext ref
VCC = 4.5 V to 5.5 V
1.9
mA
ICC
Operating supply current, extended sampling
CS at 0 V, Int ref
VCC = 4.5 V to 5.5 V
2
mA
Internal reference supply current
CS at 0 V, VCC = 4.5 V to 5.5 V
2
mA
ICC(PD)
Power-down supply current
For all digital inputs,
0
≤ VI ≤ 0.3 V or VI ≥ VCC– 0.3 V,
SCLK = 0, VCC = 4.5 V to 5.5 V,
Ext clock
0.1
1
µA
ICC(AUTOPWDN)
Auto power-down current
For all digital inputs,
0
≤ VI ≤ 0.3 V or VI ≥ VCC– 0.3 V,
SCLK = 0, VCC = 4.5 V to 5.5 V,
Ext clock, Ext ref
5‡
µA
Selected channel leakage current
Selected channel at VCC
1
µA
Selected channel leakage current
Selected channel at 0 V
–1
µA
Maximum static analog reference current into
REFP (use external reference)
VREFP = VCC = 5.5 V, VREFM = GND
1
µA
Ci
Input capacitance
Analog inputs
45
50
pF
Ci
Input capacitance
Control Inputs
5
25
pF
Zi
Input MUX ON resistance
VCC = 5.5 V
500
Ω
† All typical values are at VCC = 5 V, TA = 25°C.
‡ 800
µA if internal reference is used.
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio +distortion
fI = 12 kHz at 400 KSPS
59
60
dB
THD
Total harmonic distortion
fI = 12 kHz at 400 KSPS
–80
–72
dB
ENOB
Effective number of bits
fI = 12 kHz at 400 KSPS
9.6
Bits
SFDR
Spurious free dynamic range
fI = 12 kHz at 400 KSPS
–82
–72
dB
Analog input
Full power bandwidth, –3 dB
1
MHz
Full power bandwidth, –1 dB
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com