Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC308C Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC308C
Description  Amplifier Transistors(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC308C Datasheet(HTML) 3 Page - Motorola, Inc

  BC308C Datasheet HTML 1Page - Motorola, Inc BC308C Datasheet HTML 2Page - Motorola, Inc BC308C Datasheet HTML 3Page - Motorola, Inc BC308C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC307,B,C BC308C BC309B
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
1.5
1.0
0.2
0.3
0.5
0.7
–200
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC, COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
VCE = –10 V
TA = 25°C
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–0.1
IC, COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
IC, COLLECTOR CURRENT (mAdc)
Figure 3. Current–Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
–0.4
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
TA = 25°C
Cib
Cob
150
140
130
120
110
100
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Output Admittance
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
VCE = –10 V
TA = 25°C
–0.5
–1.0
–2.0 –3.0
–5.0
–10
–20 –30
–50
–0.6
–1.0
–2.0
–4.0
–6.0
–10
–20 –30 –40
1.0
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Base Spreading Resistance
VCE = –10 V
f = 1.0 kHz
TA = 25°C
–0.1
–0.2 –0.3
–0.5
–1.0
–2.0 –3.0
–5.0
–10
VCE = –10 V
f = 1.0 kHz
TA = 25°C
–0.1
–0.2
–0.5
–1.0
–2.0
–5.0
–10
0.01
0.03
0.05
0.1
0.3
0.5
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com