Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO521 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # TO521
Description  Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

TO521 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  TO521 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clipped Sine SM TCXO
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2006 by Vanlong Technology Co., Ltd.
TO521
Temperature Compensated Crystal Oscillator
•
Excellent frequency stability
•
Ultra miniature size SMD, reflow soldering available
•
Clipped sine output, tight specifications and an internal trimmer
•
Suited for communications equipment, cellular radios, and
instrumentation.
•
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
TO-V
Frequency Range:
10.000 MHz ~ 26.0000 MHz
Operating Temperature:
0
°C ~ +50°C
- A
-10
°C ~ +60°C
- B
-20
°C ~ +70°C
- C
-30
°C ~ +75°C
- D
0
°C ~ +85°C
- E
-40
°C ~ +85°C
- L
Storage Temperature:
-40
°C ~ +85°C
Frequency Stability:
Vs. Temperature:
± 1.0 ppm ~ ± 5.0 ppm
Vs. Input Voltage:
± 0.2 ppm at voltage ± 5%
Vs. Load:
± 0.2 ppm at load ± 10%
Aging:
± 1.0 ppm max first year
Supply Current:
10 MHz ~ 15 MHz
1.5 mA max
15 MHz ~ 26 MHz
2.0 mA max
Pulling Range:
TCXO
- T
VC-TCXO
- V
Vss+0.5V ~ Vcc –0.5V: 5 ~ 25 ppm/V (optional)
Control Slope:
Positive
Start-Up Time:
2 msec (typical)
Output Waveform:
Clipped Sine, 10K
Ω//10pF
Output Voltage:
0.8 Vp-p min.
SSB Phase Noise:
- 90 dBc/Hz (offset 10Hz)
(Typical at 12.8 MHz)
-115 dBc/Hz (offset 100Hz)
-135 dBc/Hz (offset 1KHz)
-148 dBc/Hz (offset 10KHz)
Supply Voltage:
+3.3 VDC (
± 0.2%)
+5.0 VDC (
± 0.3%)
- P
All dimensions are in mm
Ordering Information
Note:
1.
Other frequencies, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2.
Not all combinations of the above, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Operating Temperature +
Stability + Pulling Range + Frequency (MHz)
i.e. TO521B2.5T-10.0MHz ±2.5ppm/-10°C~+60°C/3.3V
Or TO521D2.5TP-10.0MHz ±2.5ppm/-30°C~+75°C/5.0V
Pin
Configurations
#1
VC or NC
#2
Ground
#3
Output
#4
Supply VDD
Land Pattern
TO521


Similar Part No. - TO521

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
TO521 VANLONG-TO521 Datasheet
42Kb / 1P
Thmperature Compensated Crystal Oscillator
TO521 VANLONG-TO521_13 Datasheet
42Kb / 1P
Thmperature Compensated Crystal Oscillator
More results

Similar Description - TO521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com