Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200-JS6DT3 Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # 200-JS6DT3
Description  Diesel Engine-Generator Set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

200-JS6DT3 Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  200-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 200-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 200-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 200-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
/// /
200-JS6dt3
//
Engine
Manufacturer
John Deere
Model
6068HF485
Type
4-Cycle
Arrangement
6-Inline
Displacement: Cu In (lit)
415 (6.8)
Bore: in (cm)
4.2 (10.6)
Stroke: in (cm)
5 (12.7)
Compression Ratio
17:1
Rated RPM
1,800
Engine Governor
JDEC
Max Power: Standby: bhp (kWm)
315 (235)
Regulation
±1%
Frequency
60 Hz
Air Cleaner
Dry
//
Liquid Capacity (Lubrication)
Total Oil System: gal (lit)
8.5 (32.2)
Engine Jacket Water Capacity: gal (lit)
3.3 (11.9)
System Coolant Capacity: gal (lit)
7.75 (29.3)
//
Electrical
Electric Volts DC
12
Cold Cranking Amps Under 0°F (-17.8°C)
800
//
Fuel System
Fuel Supply Connection Size
3/8” NPT
Fuel Return Connection Size
3/8” NPT
Maximum Fuel Lift: ft (m)
6.7 (2)
Recommended Fuel
Diesel #2
Total Fuel Flow: gal/hr (lit/hr)
24.5 (93)
//
Fuel Consumption
At 100% of Power Rating: gal/hr (lit/hr)
15.5 (58.6)
At 75% of Power Rating: gal/hr( lit/hr)
11.3 (42.9)
At 50% of Power Rating: gal/hr (lit/hr)
7.9 (30)
//
Cooling - radiator System
Ambient Capacity of Radiator: °F (°C)
122 (50)
Max. Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: in. H
20 (kPa)
0.5 (0.12)
Water Pump Capacity: gpm (lit/min)
70 (265)
Heat Rejection to Coolant: BTUM (kW)
5,404 (94.9)
Heat Radiated to Air to Air: BTUM (kW)
3,264 (57)
Heat Radiated to Ambient: BTUM (kW)
1,530 (27)
//
Air requirements
Aspirating: *SCFM (m3/min)
619 (17.5)
Air Flow Required for Rad.
Cooled Unit: *SCFM (m3/min)
17,712 (502)
Air Flow Required for Heat
Exchanger/Remote Rad. based
on 25°F Rise: *SCFM (m3/min)
3,451 (98)
* Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
//
Exhaust System
Gas Temp. (Stack): °F (°C)
905 (485)
Gas Volume at Stack
Temp: CFM (m3/min)
1,514 (42.9)
Maximum Allowable
Back Pressure: in. H
20 (kPa)
40 (10)
aPPlication Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com