Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2D Datasheet(PDF) 19 Page - Motorola, Inc

Part # S12CPUV2D
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2D Datasheet(HTML) 19 Page - Motorola, Inc

Back Button S12CPUV2D Datasheet HTML 15Page - Motorola, Inc S12CPUV2D Datasheet HTML 16Page - Motorola, Inc S12CPUV2D Datasheet HTML 17Page - Motorola, Inc S12CPUV2D Datasheet HTML 18Page - Motorola, Inc S12CPUV2D Datasheet HTML 19Page - Motorola, Inc S12CPUV2D Datasheet HTML 20Page - Motorola, Inc S12CPUV2D Datasheet HTML 21Page - Motorola, Inc S12CPUV2D Datasheet HTML 22Page - Motorola, Inc S12CPUV2D Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
19
Derivative Differences and Document References
Derivative Differences
Table 0-1 shows the availability of peripheral modules on the various derivatives. For details about the
compatibility within the MC9S12D-Family refer also to engineering bulletin EB386.
The following figure provides an ordering number example for the MC9S12D128 devices.
Figure 0-1 Order Partnumber Example
The following items should be considered when using a derivative.
Table 0-1 Derivative Differences1
NOTES:
1. : Available for this device, !: Not available for this device
Modules
MC9S12DT128E,
MC9S12DT128
MC9S12DG128E,
MC9S12DG128
MC9S12DJ128E,
MC9S12DJ128
MC9S12DB128
MC9S12DB128
# of CANs
3
2220
CAN4

!
CAN1

!!!!
CAN0

!
J1850/BDLC
!
!
!
IIC


!
!
Byteflight
!!
!


Package
112 LQFP
112 LQFP
80 QFP2
112 LQFP
80 QFP2
2. 80 Pin bond-out for MC9S12DG128E, MC9S12DG128, MC9S12DJ128E, and MC9S12DJ128 is the same, MC9S12DB128
has a different bond-out.
112 LQFP
80 QFP2
Package
Code
PV
PV/FU
PV/FU
PV
FU
Mask set
1L40K3, 3L40K
3. Part numbers MC9S12DT128E, MC9S12DG128E, and MC9S12DJ128E are associated with the mark set 1L40K.
1L40K3, 3L40K
1L40K3, 3L40K
3L40K
3L40K
Temp Options
M, V, C
M, V, C
M, V, C
M, V, C
M, V, C
Notes
An errata exists
contact Sales
Office
An errata exists
contact Sales
Office
An errata exists
contact Sales
Office
An errata exists
contact Sales
Office
An errata exists
contact Sales
Office
MC9S12 DJ128 C FU
Package Option
Temperature Option
Device Title
Controller Family
Temperature Options
C = -40˚C to
85˚C
V = -40˚C to 105˚C
M = -40˚C to 125˚C
Package Options
FU =
80QFP
PV = 112LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com