Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # MBR1060
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

MBR1060 Datasheet(HTML) 1 Page - SynSemi, Inc.

  MBR1060 Datasheet HTML 1Page - SynSemi, Inc. MBR1060 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR1035 ~ MBR1060
PRV : 35~60 Volts
Io : 10 Amperes
FEATURES :
* Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
* Metal silicon junction, majority carrier conduction
* Low power loss, high efficiency
* Guardring for overvoltage protection
* For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
* High temperature soldering : 250°C/10 seconds,
0.25" (6.35mm) from case
* Pb / RoHS Free
MECHANICAL DATA :
* Case : JEDEC TO-220AC molded plastic body
* Terminals: Plated leads, solderable per
MIL-STD-750 Method 2026
* Polarity: As marked
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS ( Tc = 25 °C unless otherwise noted)
SYMBOL MBR1035 MBR1045 MBR1050 MBR1060 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
V
Maximum Working Peak Reverse Voltage
VRWM
35
45
50
60
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
V
Maximum Average Forward Rectified Current (See Fig. 1)
IF(AV)
10
A
Peak Forward Surg Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage (Note 1)
at IF = 10 A, TC = 25 °C
at IF = 10 A, TC = 125 °C
Maximum Average Reverse Current at
T C = 25 °C
Rate Peak Reverse Voltage
T C = 125 °C
Typical Thermal Resistance
RθJC
2.0
°C/W
Operating Junction Temperature Range
TJ
-65 to + 150
°C
Storage Temperature Range
TSTG
-65 to + 175
°C
Note :
(1) Pulse test : 300 µs pluse width, 1% duty cycle
Page 1 of 2
Rev. 01 : February 22, 2006
RATINGS
IFSM
A
VF
V
150
SCHOTTKY BARRIER
RECTIFIER DIODES
0.10
15
IR
mA
-
0.57
0.80
0.70
0.205(520)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54)MAX.
0.154(3.91)DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
PIN 1
PIN 2
CASE
0.022(0.56)
0.014(0.36)
12
TO-220AC
Dimensions in inches and ( millimeters )


Similar Part No. - MBR1060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1060 MOTOROLA-MBR1060 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1060 FAIRCHILD-MBR1060 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1060 DIODES-MBR1060 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1060 GE-MBR1060 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1060 MCC-MBR1060 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1060

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com