Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2943 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2943
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2943 Datasheet(HTML) 1 Page - Texas Instruments

  TLC2943 Datasheet HTML 1Page - Texas Instruments TLC2943 Datasheet HTML 2Page - Texas Instruments TLC2943 Datasheet HTML 3Page - Texas Instruments TLC2943 Datasheet HTML 4Page - Texas Instruments TLC2943 Datasheet HTML 5Page - Texas Instruments TLC2943 Datasheet HTML 6Page - Texas Instruments TLC2943 Datasheet HTML 7Page - Texas Instruments TLC2943 Datasheet HTML 8Page - Texas Instruments TLC2943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLC2943
HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
SLAS249 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual TLC2933 by Multichip Module
(MCM) Technology
D Voltage-Controlled Oscillators (VCO)
Section
–
Complete Oscillator Using Only One
External Bias Resistor (RBIAS)
–
Recommended Lock Frequency
Range
–
37 MHz to 60 MHz
(VDD = 3.3 V ± 0.15 V, TA = –20°C
to 75
°C)
–
43 MHz to 100 MHz
(VDD = 5 V ± 0.25 V, TA = –20°C
to 75
°C)
D Includes a High Speed Edge-Triggered
Phase Frequency Detector (PFD) With
Internal Charge Pump
D Independent VCO, PFD Power-Down
Mode
description
The TLC2943 is a multichip module product that
uses two TLC2933 chips. The TLC2933 chip is
composed of a voltage-controlled oscillator (VCO) and an edge-triggered-type phase frequency detector
(PFD). The oscillation frequency range of the VCO is set by an external bias resistor (R BIAS ). The high-speed
PFD with internal charge pump detects the phase difference between the reference frequency input and signal
frequency input from the external counter. Both the VCO and the PFD have inhibit functions that can be used
as a power-down mode. The high-speed and stable VCO characteristics of the TLC2933 make the TLC2943
suitable for use in dual high-performance phase-locked loop (PLL) systems.
AVAILABLE OPTIONS
TA
PACKAGE
TA
SMALL OUTLINE (DB)
20
°Cto75°C
TLC2943IDB
– 20
°C to 75°C
TLC2943IDBR (Tape and Reel)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
LOGIC_1 VDD
TEST_1
VCO_1 OUT
FIN-A_1
FIN-B_1
PFD_1 OUT
LOGIC_1 GND
GND
NC
NC
NC
GND
LOGIC_2 VDD
TEST_2
VCO_2 OUT
FIN-A_2
FIN-B_2
PFD_2 OUT
LOGIC_2 GND
VCO_1 VDD
RBIAS _1
VCOIN_1
VCO_1 GND
VCO_1 INHIBIT
PFD_1 INHIBIT
NC
GND
NC
NC
NC
GND
VCO_2 VDD
RBIAS _2
VCOIN_2
VCO_2 GND
VCO_2 INHIBIT
PFD_2 INHIBIT
NC
DB PACKAGE
(TOP VIEW)


Similar Part No. - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI-TLC2940 Datasheet
119Kb / 9P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940 TI1-TLC2940 Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI-TLC2940IPW Datasheet
119Kb / 9P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI1-TLC2940IPW Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPWR TI1-TLC2940IPWR Datasheet
140Kb / 10P
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2942 TI1-TLC2942_06 Datasheet
479Kb / 29P
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com