Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC25M4CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25M4CD
Description  LinCMOSE QUAD OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC25M4CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC25M4CD Datasheet HTML 8Page - Texas Instruments TLC25M4CD Datasheet HTML 9Page - Texas Instruments TLC25M4CD Datasheet HTML 10Page - Texas Instruments TLC25M4CD Datasheet HTML 11Page - Texas Instruments TLC25M4CD Datasheet HTML 12Page - Texas Instruments TLC25M4CD Datasheet HTML 13Page - Texas Instruments TLC25M4CD Datasheet HTML 14Page - Texas Instruments TLC25M4CD Datasheet HTML 15Page - Texas Instruments TLC25M4CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
™ QUAD OPERATIONAL AMPLIFIERS
SLOS003F – JUNE 1983 – REVISED AUGUST 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC25M4C
TLC25M4AC
TLC25M4BC
UNIT
MIN
TYP
MAX
TLC25M4C
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC25M4C
O
,
RS = 50 Ω,
IC
,
RL = 100 kΩ
Full range
12
VIO
Input offset voltage
TLC25M4AC
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
VIO
Input offset voltage
TLC25M4AC
O
,
RS = 50 Ω,
IC
,
RL = 100 kΩ
Full range
6.5
mV
TLC25M4BC
VO = 1.4 V,
VIC = 0,
25
°C
0.25
2
TLC25M4BC
O
,
RS = 50 Ω,
IC
,
RL = 100 kΩ
Full range
3
∝VIO
Average temperature coefficient of
25
°C to
17
µV/°C
∝VIO
g
input offset voltage
70
°C
1.7
µV/°C
IIO
Input offset current (see Note 4)
VO =2 5V
VIC =2 5V
25
°C
0.1
pA
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
7
300
pA
IIB
Input bias current (see Note 4)
VO =2 5V
VIC =2 5V
25
°C
0.6
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
40
600
pA
VICR
Common-mode input voltage range
25
°C
– 0.2
t0
4
– 0.3
to
4.2
V
VICR
gg
(see Note 5)
Full range
– 0.2
to
3.5
V
0
°C
3
3.9
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
25
°C
3.2
3.9
V
70
°C
3
4
0
°C
0
50
VOL
Low-level output voltage
VID = – 100 mV,
IOL = 0
25
°C
0
50
mV
70
°C
0
50
L
i
l diff
ti l
lt
0
°C
15
200
AVD
Large-signal differential voltage
amplification
VO = 0.25 V to 2 V,
RL = 100 kΩ
25
°C
25
170
V/mV
am lification
70
°C
15
140
0
°C
60
91
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
65
91
dB
70
°C
60
92
S
l
lt
j
ti
ti
0
°C
60
92
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
25
°C
70
93
dB
(
∆VDD/∆VIO)
70
°C
60
94
V2 5 V
V2 5 V
0
°C
500
1280
IDD
Supply current (four amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
25
°C
420
1120
µA
No load
70
°C
340
880
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com