Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC32040
Description  ANALOG INTERFACE CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040 Datasheet(HTML) 2 Page - Texas Instruments

  TLC32040 Datasheet HTML 1Page - Texas Instruments TLC32040 Datasheet HTML 2Page - Texas Instruments TLC32040 Datasheet HTML 3Page - Texas Instruments TLC32040 Datasheet HTML 4Page - Texas Instruments TLC32040 Datasheet HTML 5Page - Texas Instruments TLC32040 Datasheet HTML 6Page - Texas Instruments TLC32040 Datasheet HTML 7Page - Texas Instruments TLC32040 Datasheet HTML 8Page - Texas Instruments TLC32040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TLC32040M
ANALOG INTERFACE CIRCUIT
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4–2
description (continued)
The antialiasing input filter comprises seventh-order and fourth-order CC-type (Chebyshev/elliptic transitional)
low-pass and high-pass filters, respectively, and a fourth-order equalizer. The input filter is implemented in
switched-capacitor technology and is preceded by a continuous time filter to eliminate any possibility of aliasing
caused by sampled data filtering. When no filtering is desired, the entire composite filter can be switched out
of the signal path. A selectable, auxiliary, differential analog input is provided for applications where more than
one analog input is required.
The A/D and D/A converters each have 14 bits of resolution. The A/D and D/A architectures ensure no missing
codes and monotonic operation. An internal voltage reference is provided on the TLC32040M to ease the design
task and to provide complete control over the performance of the integrated circuit. The internal voltage
reference is brought out to a pin and is available to the designer. Separate analog and digital voltage supplies
and grounds are provided to minimize noise and ensure a wide dynamic range. Also, the analog circuit path
contains only differential circuitry to keep noise to an absolute minimum. The only exception is the DAC sample
and hold, which utilizes pseudo-differential circuitry.
The output-reconstruction filter is a seventh-order CC-type (Chebyshev/elliptic transitional low-pass filter with
a fourth-order equalizer) and is implemented in switched-capacitor technology. This filter is followed by a
continuous-time filter to eliminate images of the digitally encoded signal.
The TLC32040M is characterized for operation from – 55
°C to 125°C.
functional block diagram
IN +
IN –
AUX
IN +
AUX
IN –
M
U
X
X
U
M
Band-Pass Filter
Receive Section
OUT +
Transmit Section
D/A
A/D
Serial
Port
Low-Pass Filter
Internal
Voltage
Reference
FSR
DR
EODR
MSTR CLK
SHIFT CLK
WORD/BYTE
DX
FSX
EODX
ANLG
GND
REF
RESET
OUT–
26
25
24
23
22
21
VCC + VCC –
DTGL
GND
VDD
(DIG)
20
19
18
9
7
8
2
4
5
3
6
10
13
12
14
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com