Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC01C Datasheet(PDF) 86 Page - Texas Instruments

Part # TLC320AC01C
Description  Single-Supply Analog Interface Circuit
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC01C Datasheet(HTML) 86 Page - Texas Instruments

Back Button TLC320AC01C Datasheet HTML 82Page - Texas Instruments TLC320AC01C Datasheet HTML 83Page - Texas Instruments TLC320AC01C Datasheet HTML 84Page - Texas Instruments TLC320AC01C Datasheet HTML 85Page - Texas Instruments TLC320AC01C Datasheet HTML 86Page - Texas Instruments TLC320AC01C Datasheet HTML 87Page - Texas Instruments TLC320AC01C Datasheet HTML 88Page - Texas Instruments TLC320AC01C Datasheet HTML 89Page - Texas Instruments TLC320AC01C Datasheet HTML 90Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
D–6
AC01INIT
SPLK
#020h,TCR
SPLK
#01h,PRD
MAR
*,AR0
LACC
#0008h
SACL
TSPC
LACC
#00c8h
SACL
TSPC
SETC
SXM
;
LDP
#PR1
LACC
PR1
CALL
AC01_2ND
;
LDP
#PR2
LACC
PR2
CALL
AC01_2ND
;
LDP
#PR8
LACC
PR8
CALL
AC01_2ND
;
LDP
#PR7
LACC
PR7
CALL
AC01_2ND
ret
AC01_2ND:
LDP
#0
SACH
TDXR
;
CLRC
INTM
IDLE
ADD
#6h, 15
; 0000 0000 0000 0011 XXXX XXXX XXXX XXXX b
SACH
TDXR
;
IDLE
SACL
TDXR
;
IDLE
LACL
#0
;
SACL
TDXR
; make sure the word got sent
IDLE
SETC
INTM
;
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com