Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS32020 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS32020
Description  Wide-Band Analog Interface Circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS32020 Datasheet HTML 17Page - Texas Instruments TMS32020 Datasheet HTML 18Page - Texas Instruments TMS32020 Datasheet HTML 19Page - Texas Instruments TMS32020 Datasheet HTML 20Page - Texas Instruments TMS32020 Datasheet HTML 21Page - Texas Instruments TMS32020 Datasheet HTML 22Page - Texas Instruments TMS32020 Datasheet HTML 23Page - Texas Instruments TMS32020 Datasheet HTML 24Page - Texas Instruments TMS32020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
2–7
Low-pass A D SCF clock frequency
+
master clock frequency
R(A)
2
High-pass SCF clock frequency (A D channel)
+ A D conversion frequency
(2)
Conversion frequency:
D A conversion frequency
+
low-pass D A SCF clock frequency
T(B)
A D conversion frequency
+
low-pass A D SCF clock frequency (for low pass receive filter)
R(B)
-
(3)
NOTE: T(A), T(B), R(A), and R(B) are the contents of the TA, TB, RA, and RB registers, respectively.
2.11 Operation of TLC32046 With Internal Voltage Reference
The internal reference of the TLC32046 eliminates the need for an external voltage reference and provides
overall circuit cost reduction. The internal reference eases the design task and provides complete control
of the IC performance. The internal reference is brought out to REF. To keep the amount of noise on the
reference signal to a minimum, an external capacitor can be connected between REF and ANLG GND.
2.12 Operation of TLC32046 With External Voltage Reference
REF can be driven from an external reference circuit. This external circuit must be capable of supplying
250
µA and must be protected adequately from noise and crosstalk from the analog input.
2.13 Reset
A reset function is provided to initiate serial communications between the AIC and DSP and to allow fast,
cost-effective testing during manufacturing. The reset function initializes all AIC registers, including the
control register. After a negative-going pulse on RESET, the AIC is initialized. This initialization allows
normal serial port communications activity to occur between AIC and DSP (see AIC DX Data Word Format
section). After RESET, TA=TB=RA=RB=18 (or 12 hexadecimal), TA
′=RA′=01 (hexadecimal), the A/D
high-pass filter is inserted, the loop-back function is deleted, AUX IN+ and AUX IN – are disabled, transmit
and receive sections are in synchronous operation, programmable gain is set to 1, the on-board (sin x)/x
correction filter is not selected, D10OUT is set to 0, and D11OUT is set to 0.
2.14 Loopback
This feature allows the circuit to be tested remotely. In loopback, OUT+ and OUT– are internally connected
to IN+ and IN –. The DAC bits (D15 to D2), which are transmitted to DX, can be compared with the ADC bits
(D15 to D2), received from DR. The bits on DR equal the bits on DX. However, there is some difference in
these bits due to the ADC and DAC output offsets.
The loopback feature is implemented with digital signal processor control by transmitting a logic 1 for data
bit D3 in the DX secondary communication to the control register (see Table 2–3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com