Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCSS511 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PLCSS511
Description  Planar Lightwave Circuit Splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCSS511 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PLCSS511 Datasheet HTML 1Page - OPLINK Communications Inc. PLCSS511 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Options
Parameter
1x4
2x4
1x8
2x8
1x16
2x16
1x32
2x32
1x64
Operation Wavelength
1260~1360 / 1480~1620
Insertion Loss (Typ)
S
<7.1
<7.3
<10.3
<10.4
<13.5
<14.0
<16.8
<17.3
19.6
dB
Insertion Loss (Max)
<7.5
<7.7
<10.8
<11.0
<14.0
<14.5
<17.5
<18.0
20.5
dB
Insertion Loss (Typ)
P
<6.8
<7.1
<10.0
<10.2
<13.2
<13.6
<16.5
<17.0
19.2
dB
Insertion Loss (Max)
<7.2
<7.5
<10.3
<10.5
<13.7
<14.2
<17.0
<17.5
20
dB
Uniformity (Max)
<0.7
<1.0
<1.0
<1.2
<1.5
<2.0
<2.0
<2.5
<2.5
dB
Polarization Dependent Loss
(Max)
<0.3
<0.3
<0.3
<0.3
<0.3
<0.4
<0.3
<0.4
<0.3
dB
Directivity (Min)
55
dB
Return Loss (Min)
55
dB
Optical Input Power
300
mW
Operating Temperature
-40 to +85 for bare fiber type
0 to +75 for loose tube type
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28 or equivalent
Applications
Performance Specificationns
Notes:
[1] All the parameters are tested at 1310nm&1550nm and room temperature.
[2] All the parameters are without connectors.
[3] Connector IL is 0.2dB/pair for PC&SPC type and 0.4dB/pair for APC type.
[4] For the PLC splitters with connectors, the final RL specification is >=45dB for PC&SPC type and >=50dB for APC type.
R03.20090524
Planar Lightwave Circuit Splitters
PLCS1 Series
Optical Power Splitter is a component that splits the optical power
from one optical route into a few different routes according to a cer-
tain allocation ratio. Oplink’s Planar Lightwave Circuit Splitter Product
family provides PLC splitters from 1x4 to 1x64 and 2x4 to 2x32 with
high performance and high reliability.
Oplink can provide customized designs to meet specialized feature
applications. Also, Oplink offers modular assemblies that integrate
other components to form a full function module.
Wide Operating Wavelength
Range (1310/1490/1550/1620nm)
Ultra-Low Insertion Loss
Low PDL
Excellent IL Uniformity
Compact Size
Telcordia Qualified
RoHS Compliant
FTTX Solutions
Passive Optical Network (PON)
High Performance Fan-out Available
Module Cassette Available
LGX Packaging Available
19/23” Rack-mount Chassis Available
Wall-mount Cabinet Available
Outdoor Enclosure Available


Similar Part No. - PLCSS511

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
Planar Lightwave Circuit Splitters
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
Planar Lightwave Circuit Splitters
PLCS104P1L1 OPLINK-PLCS104P1L1 Datasheet
204Kb / 3P
Planar Lightwave Circuit Splitter Modules
PLCS104P1L2 OPLINK-PLCS104P1L2 Datasheet
204Kb / 3P
Planar Lightwave Circuit Splitter Modules
PLCS104P1L3 OPLINK-PLCS104P1L3 Datasheet
204Kb / 3P
Planar Lightwave Circuit Splitter Modules
More results

Similar Description - PLCSS511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
High-Speed Lightwave Converters
logo
OPLINK Communications I...
PLCS104S1L1 OPLINK-PLCS104S1L1 Datasheet
204Kb / 3P
Planar Lightwave Circuit Splitter Modules
logo
Agilent(Hewlett-Packard...
N4374B HP-N4374B Datasheet
367Kb / 18P
Lightwave Component Analyzer
logo
OPLINK Communications I...
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
Planar Lightwave Circuit Splitters
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
Planar Lightwave Circuit Splitter Modules
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
Planar Lightwave Circuit Splitters
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
Planar Lightwave Circuit Splitter Modules
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
Lightwave Receiver
January 2000
logo
Balluff Korea Ltd.
BCC0A07 BALLUFF-BCC0A07 Datasheet
108Kb / 2P
Y-Splitters
0.87_2022-07-16
BCC0AFW BALLUFF-BCC0AFW Datasheet
110Kb / 2P
Y-Splitters
0.97_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com