Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02CFN Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02CFN
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02CFN Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLC320AC02CFN Datasheet HTML 63Page - Texas Instruments TLC320AC02CFN Datasheet HTML 64Page - Texas Instruments TLC320AC02CFN Datasheet HTML 65Page - Texas Instruments TLC320AC02CFN Datasheet HTML 66Page - Texas Instruments TLC320AC02CFN Datasheet HTML 67Page - Texas Instruments TLC320AC02CFN Datasheet HTML 68Page - Texas Instruments TLC320AC02CFN Datasheet HTML 69Page - Texas Instruments TLC320AC02CFN Datasheet HTML 70Page - Texas Instruments TLC320AC02CFN Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
6–1
6
Application Information
TMS320C2x/3x
CLKOUT
DX
DR
FSX
FSR
CLKX
CLKR
TLC320AC02
MCLK
DIN
DOUT
FS
SCLK
5 V
0.1
µF
5 V
5 V
DGND
AGND
DAC VDD
DAC VMID
DAC GND
ADC VDD
ADC VMID
ADC GND
DGTL VDD
DGTL GND
0.1
µF
0.1
µF
0.1
µF
0.1
µF
14
10
11
12
13
5
6
7
9
24
23
22
20
NOTE A: Terminal numbers shown are for the FN package.
Figure 6 –1. Stand-Alone Mode (to DSP Interface)
TMS320C2x/3x
CLKOUT
DX
DR
FSX
FSR
CLKX
CLKR
TLC320AC02
MCLK
DIN
DOUT
FS
SCLK
14
10
11
12
13
NOTE A: Terminal numbers shown are for the FN package.
Figure 6 –2. Codec Mode (to DSP Interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com