Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDM541SA Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWDM541SA
Description  Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWDM541SA Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWDM541SA Datasheet HTML 1Page - OPLINK Communications Inc. SWDM541SA Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
SWDM54 Series
Premium
Grade A
Unit
Operating Wavelength
1475 - 1485nm / 1545 - 1555nm
Insertion Loss
< 0.4
< 0.6
dB
Isolation
> 13
> 11
dB
Polarization Dependent Loss
< 0.13
< 0.15
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
- 10 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Fiber Type
SMF-28
Package Dimensions **
P1: 250µm bare fiber
P2: 900µm loose tube
(ø)3.0 x (L)60
(ø)3.0 x (L)65
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci-
fied.
Port 1 In
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
R02.20080624
Fused Single-Mode WDM (1480/1550nm)
SWDM54 Series
Oplink’s 1480/1550 nm fused single-mode wavelength division multiplexers are
manufactured using the proven fused biconical taper technology and Oplink’s
stringent quality procedures. With low insertion loss and flat passband, this
device is ideal for combining pump (1480 nm) and signal light at 1550 nm in
optical fiber amplifiers.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Ultra Low Insertion Loss
Ultra High Isolation
Low Polarization Sensitivity
High Directivity
High Stable & Reliable
Bidirectional
CATV
Local Area Networks
Telecommunications
Subscriber Loop
Laboratory R&D


Similar Part No. - SWDM541SA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM541SA001151 OPLINK-SWDM541SA001151 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SA001152 OPLINK-SWDM541SA001152 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SA0011H1 OPLINK-SWDM541SA0011H1 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SA0011H2 OPLINK-SWDM541SA0011H2 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SA002251 OPLINK-SWDM541SA002251 Datasheet
284Kb / 2P
Fused Single-Mode WDM
More results

Similar Description - SWDM541SA

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM591SP004 OPLINK-SWDM591SP004 Datasheet
282Kb / 2P
Mini Fused Single-Mode WDM
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM591SP0016 OPLINK-SWDM591SP0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59-S0168 OPLINK-SWDM59-S0168 Datasheet
172Kb / 2P
Fused Single-Mode WDM
MINI-SWDM OPLINK-MINI-SWDM Datasheet
286Kb / 2P
Mini Fused Single-Mode WDM
SWDM53 OPLINK-SWDM53 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com