Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2.0B Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # GDZ2.0B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

GDZ2.0B Datasheet(HTML) 1 Page - SynSemi, Inc.

  GDZ2.0B Datasheet HTML 1Page - SynSemi, Inc. GDZ2.0B Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDZ Series
ZENER DIODES
VZ : 2.2 to 36 Volts
PD : 200 mW
FEATURES :
• Silicon planar power zener diodes.
• Low Zener impredance and low leakage current
• Popular in Asian designs
• Compact surface miunt device
• Ideal for automated mounting
• Pb / RoHS Free
MECHANICAL DATA :
Case: SOD-323 Plastic Package
Weight: approx. 0.004g
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation at Ta = 25
°C
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
TSTG
-55 to + 150
°C
Page 1 of 2
Rev. 02 : February 16, 2006
Parameter
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323


Similar Part No. - GDZ2.0B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ2.0B EIC-GDZ2.0B Datasheet
40Kb / 2P
ZENER DIODES
logo
Frontier Electronics.
GDZ2.0B FRONTIER-GDZ2.0B Datasheet
125Kb / 4P
500m WATT ZENER DIODE
logo
Formosa MS
GDZ2.0B FORMOSA-GDZ2.0B Datasheet
419Kb / 4P
Zener diode
More results

Similar Description - GDZ2.0B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com