Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2.4B Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # GDZ2.4B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

GDZ2.4B Datasheet(HTML) 2 Page - SynSemi, Inc.

  GDZ2.4B Datasheet HTML 1Page - SynSemi, Inc. GDZ2.4B Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Rising operating
Maximum Reverse
Zener voltage
resistance
Leakage Current
Type
Marking
VZ @ IZ
(1)
Number
Code
Min.
Max.
IZ
Max.
@IZ
Max.
@ IZ
IR
(V)
(V)
(mA)
(Ω)
(mA)
(Ω)
(mA)
(μA)
(V)
GDZ 2.0B
0
2
2.020
2.200
5
100
5
1000
0.5
120
0.5
GDZ 2.2B
1
2
2.220
2.410
5
100
5
1000
0.5
120
0.7
GDZ 2.4B
2
2
2.430
2.630
5
100
5
1000
0.5
120
1.0
GDZ 2.7B
3
2
2.690
2.910
5
110
5
1000
0.5
100
1.0
GDZ 3.0B
4
2
3.010
3.220
5
120
5
1000
0.5
50
1.0
GDZ 3.3B
5
2
3.320
3.530
5
120
5
1000
0.5
20
1.0
GDZ 3.6B
6
2
3.600
3.845
5
100
5
1000
1.0
10
1.0
GDZ 3.9B
7
2
3.890
4.160
5
100
5
1000
1.0
5.0
1.0
GDZ 4.3B
8
2
4.170
4.430
5
100
5
1000
1.0
5.0
1.0
GDZ 4.7B
9
2
4.550
4.750
5
100
5
800
0.5
2.0
1.0
GDZ 5.1B
T
1
4.980
5.200
5
80
5
500
0.5
2.0
1.0
GDZ 5.6B
T
2
5.490
5.730
5
60
5
200
0.5
1.0
2.5
GDZ 6.2B
T
3
6.060
6.330
5
60
5
100
0.5
1.0
3.0
GDZ 6.8B
T
4
6.650
6.930
5
40
5
60
0.5
0.5
3.5
GDZ 7.5B
T
5
7.280
7.600
5
30
5
60
0.5
0.5
4.0
GDZ 8.2B
T
6
8.020
8.360
5
30
5
60
0.5
0.5
5.0
GDZ 9.1B
T
7
8.850
9.230
5
30
5
60
0.5
0.5
6.0
GDZ 10B
T
8
9.770
10.210
5
30
5
60
0.5
0.1
7.0
GDZ 11B
T
9
10.760
11.220
5
30
5
60
0.5
0.1
8.0
GDZ 12B
T
A
11.740
12.240
5
30
5
80
0.5
0.1
9.0
GDZ 13B
T
B
12.910
13.490
5
37
5
80
0.5
0.1
10.0
GDZ 15B
T
C
14.340
14.980
5
42
5
80
0.5
0.1
11.0
GDZ 16B
T
D
15.850
16.510
5
50
5
80
0.5
0.1
12.0
GDZ 18B
T
E
17.560
18.350
5
65
5
80
0.5
0.1
13.0
GDZ 20B
T
H
19.520
20.390
5
85
5
100
0.5
0.1
15.0
GDZ 22B
T
K
21.540
22.470
5
100
5
100
0.5
0.1
17.0
GDZ 24B
T
L
23.720
24.780
5
120
5
120
0.5
0.1
19.0
GDZ 27B
T
M
26.190
27.530
5
150
5
150
0.5
0.1
21.0
GDZ 30B
T
N
29.190
30.690
5
200
5
200
0.5
0.1
23.0
GDZ 33B
T
P
32.150
33.790
5
250
5
250
0.5
0.1
25.0
GDZ 36B
T
T
35.070
36.870
5
300
5
300
0.5
0.1
27.0
Notes:
(1) The Zener voltage V(Z) is measured 40 ms after power is supplied.
(2) The operating resistances (ZZ, ZZK) are measured by superimposing a 1 KHz alternating current on the regulated current (I Z)
Page 2 of 2
Rev. 02 : February 16, 2006
ZZ
(2)
ZZK
(2)
Operating
resistance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com