Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTC515P Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWTC515P
Description  Single Window Single Mode Wideband Tree/Star Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWTC515P Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWTC515P Datasheet HTML 1Page - OPLINK Communications Inc. SWTC515P Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
SWTC Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R1.20070926
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
Single Window Single Mode Wideband
Tree/Star Coupler (nxm)
0
0
0
Connector Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
SWTC
PackageType
900µm loose tube= 2
3mm cable= 3
Fiber Length
1.0 meter= 1*
1.5 meter= 5
2.0 meter= 2
0.5 meter= H
Wavelength
1310nm= 3
C band= 5
L band= 6
C+L band =1
Type
Grade
P Grade= P
A Grade= A
Fiber Type
P1=1
P2=2
P3=3
P4=4
* 1 meter is standard. The lead time for
special fiber length will be longer.
1x4=14, 1x16=1A
2x4=24, 2x16=2A
4x4=44, 16x16=AA
1x5=15, 1x32=1B
1x6=16, 2x32=2B
1x8=18, 1x40=1C
2x8=28, 2x40=2C
8x8=88
Mechanical Drawing / Package Dimensions (dimension in mm)
20.0
60.0
R1.5
5.0
3.0
DETAIL B
2.0
7.0
3.5
R2.5
100.0
VIEW B
80.0
TYP 4.0
76.0
35.0
60.0
R1.5
5.0
3.0
DETAIL B
2.0
9.0
5.5
R2.5
130.0
VIEW B
90.0
86.0
P1
P2
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSION ARE IN MILLIMETER.
2. MAT’L AND FINISH: AL6061, BLACK ANODIZE.
3.TOL: .X = ±0.2, .XX = ±0.1.
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSION ARE IN MILLIMETER.
2. MAT’L AND FINISH: AL6061, BLACK ANODIZE.
3.TOL: .X = ±0.2, .XX = ±0.1.
TYP 4.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com