Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWFC1103 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWFC1103
Description  Single Window Single Mode Wideband Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC1103 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWFC1103 Datasheet HTML 1Page - OPLINK Communications Inc. SWFC1103 Datasheet HTML 2Page - OPLINK Communications Inc. SWFC1103 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insertion Loss (IL) I : C or L band coupler
Insertion Loss (IL) II : 1310nm, S2 or C+L band coupler
Single Window Single Mode Wideband Fiber
Coupler (980, 1310, S, C, L, and C+L band)
SWFC Series
Insertion Loss Tables
Coupling Ratio
P Grade
A Grade
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
Signal
Tap
Signal Tap
Signal
Tap
Signal
Tap
Signal Tap
Signal Tap
99/1
≤0.20
19.0-21.0
≤0.08 ≤0.50
≤0.04 ≤0.12
≤0.20
17.7-21.5
≤0.10 ≤0.55
≤0.05 ≤0.15
98/2
≤0.25
16.4-18.4
≤0.10 ≤0.40
≤0.04 ≤0.12
≤0.30
16.0-19.4
≤0.10 ≤0.45
≤0.05 ≤0.15
97/3
≤0.30
14.6-16.2
≤0.10 ≤0.30
≤0.04 ≤0.12
≤0.35
14.0-16.8
≤0.10 ≤0.40
≤0.05 ≤0.15
95/5
≤0.35
12.4-13.8
≤0.12 ≤0.25
≤0.04 ≤0.10
≤0.40
12.0-14.4
≤0.12 ≤0.30
≤0.05 ≤0.15
90/10
≤0.60
9.60-10.8
≤0.12 ≤0.22
≤0.05 ≤0.10
≤0.65
9.20-11.2
≤0.13 ≤0.26
≤0.06 ≤0.14
85/15
≤0.85
7.80-8.80
≤0.15 ≤0.20
≤0.05 ≤0.10
≤0.90
7.5-9.0
≤0.15 ≤0.25
≤0.06 ≤0.14
80/20
≤1.15
6.60-7.60
≤0.15 ≤0.20
≤0.05 ≤0.10
≤1.15
6.4-8.0
≤0.16 ≤0.23
≤0.07 ≤0.13
75/25
≤1.35
5.75-6.50
≤0.15 ≤0.20
≤0.06 ≤0.10
≤1.44
5.6-6.7
≤0.16 ≤0.22
≤0.07 ≤0.13
70/30
≤1.75
5.00-5.50
≤0.15 ≤0.20
≤0.06 ≤0.10
≤1.82
4.9-5.8
≤0.16 ≤0.20
≤0.08 ≤0.12
65/35
≤2.10
4.40-4.90
≤0.15 ≤0.20
≤0.07 ≤0.10
≤2.15
4.3-5.0
≤0.16 ≤0.20
≤0.08 ≤0.12
60/40
≤2.50
3.95-4.30
≤0.15 ≤0.20
≤0.07 ≤0.09
≤2.60
3.7-4.6
≤0.17 ≤0.20
≤0.08 ≤0.10
55/45
≤2.85
3.35-3.80
≤0.15 ≤0.20
≤0.07 ≤0.09
≤2.90
3.1-4.0
≤0.17 ≤0.20
≤0.09 ≤0.10
50/50
2.80-3.30
≤0.20
≤0.08
2.70-3.30
≤0.22
≤0.10
Coupling Ratio
P Grade
A Grade
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
Signal
Tap
Signal Tap
Signal Tap
Signal
Tap
Signal Tap
Signal Tap
99/1
≤0.20
18.2-21.0
≤0.09 ≤0.90
≤0.04 ≤0.15
≤0.23
17.4-21.5
≤0.10 ≤1.20
≤0.05 ≤0.20
98/2
≤0.25
16.0-18.6
≤0.09 ≤0.80
≤0.04 ≤0.12
≤0.30
15.2-19.8
≤0.11 ≤1.00
≤0.05 ≤0.15
97/3
≤0.30
14.4-16.4
≤0.10 ≤0.70
≤0.04 ≤0.12
≤0.34
13.7-17.1
≤0.12 ≤0.90
≤0.05 ≤0.15
95/5
≤0.40
12.2-14.0
≤0.13 ≤0.60
≤0.04 ≤0.10
≤0.40
11.8-14.7
≤0.15 ≤0.80
≤0.05 ≤0.15
90/10
≤0.65
9.40-11.0
≤0.15 ≤0.50
≤0.05 ≤0.10
≤0.65
9.00-11.3
≤0.16 ≤0.60
≤0.06 ≤0.15
85/15
≤0.95
7.70-8.85
≤0.15 ≤0.45
≤0.05 ≤0.10
≤0.85
7.4-9.1
≤0.18 ≤0.67
≤0.06 ≤0.15
80/20
≤1.20
6.30-7.80
≤0.17 ≤0.40
≤0.05 ≤0.10
≤1.15
6.0-8.1
≤0.20 ≤0.55
≤0.07 ≤0.14
75/25
≤1.60
5.45-6.70
≤0.18 ≤0.40
≤0.06 ≤0.10
≤1.44
5.4-6.8
≤0.20 ≤0.53
≤0.07 ≤0.14
70/30
≤1.80
4.60-5.75
≤0.22 ≤0.40
≤0.06 ≤0.10
≤1.82
4.6-5.9
≤0.25 ≤0.50
≤0.08 ≤0.13
65/35
≤2.10
4.10-5.05
≤0.23 ≤0.38
≤0.07 ≤0.10
≤2.15
4.2-5.0
≤0.30 ≤0.50
≤0.08 ≤0.13
60/40
≤2.55
3.85-4.40
≤0.25 ≤0.35
≤0.07 ≤0.09
≤2.60
3.7-4.6
≤0.35 ≤0.48
≤0.09 ≤0.11
55/45
≤2.90
3.15-3.85
≤0.30 ≤0.35
≤0.07 ≤0.09
≤2.81
3.1-4.0
≤0.40 ≤0.48
≤0.09 ≤0.11
50/50
2.70-3.40
≤0.35
≤0.08
2.60-3.50
≤0.40
≤0.10
Oplink Communications, Inc.
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the specified wavelength range.
3. Insertion loss change over the all input polarization states
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the specified wavelength range. For S-band product, add 0.1dB in WDL due to water absorption peak of fiber.
3. Insertion loss change over the all input polarization states.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com