Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC490 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC490
Description  High Current Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC490 Datasheet(HTML) 2 Page - Motorola, Inc

  BC490 Datasheet HTML 1Page - Motorola, Inc BC490 Datasheet HTML 2Page - Motorola, Inc BC490 Datasheet HTML 3Page - Motorola, Inc BC490 Datasheet HTML 4Page - Motorola, Inc BC490 Datasheet HTML 5Page - Motorola, Inc BC490 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC490,A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Min
Max
Unit
ON CHARACTERISTICS(1) (Continued)
Collector – Emitter Saturation Voltage
(IC = –500 mAdc, IB = –50 mAdc)
(IC = –1.0 Adc, IB = –100 mAdc)
VCE(sat)
—
—
–0.25
–0.5
–0.5
—
Vdc
Base – Emitter Saturation Voltage
(IC = –500 mAdc, IB = –50 mAdc)
(IC = –1.0 Adc, IB = –100 mAdc)
VBE(sat)
—
—
–0.9
–1.0
–1.2
—
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = –50 mAdc, VCE = –2.0 Vdc, f = 100 MHz)
fT
—
150
—
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
9.0
—
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
—
110
—
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2%.
Figure 1. Switching Time Test Circuits
* Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
5.0
µs
+10 V
0
Vin
5.0
µF
100
100
TURN–ON TIME
–1.0 V
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
5.0
µs
Vin
5.0
µF
100
100
TURN–OFF TIME
+VBB
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
RB
RB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com