Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC352 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC352 Datasheet(HTML) 2 Page - Texas Instruments

  TLC352 Datasheet HTML 1Page - Texas Instruments TLC352 Datasheet HTML 2Page - Texas Instruments TLC352 Datasheet HTML 3Page - Texas Instruments TLC352 Datasheet HTML 4Page - Texas Instruments TLC352 Datasheet HTML 5Page - Texas Instruments TLC352 Datasheet HTML 6Page - Texas Instruments TLC352 Datasheet HTML 7Page - Texas Instruments TLC352 Datasheet HTML 8Page - Texas Instruments TLC352 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLC352
LinCMOS
™ DUAL DIFFERENTIAL COMPARATOR
SLCS016 – SEPTEMBER 1985 – REVISED OCTOBER 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
VIO max
AT 25
°C
SMALL-OUTLINE
(D)
CHIP-CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
0
°C to 70°C
5 mV
TLC352CD
—
—
TLC352CP
– 40
°C to 85°C
5 mV
TLC352ID
—
—
TLC352IP
– 55
°C to 125°C
5 mV
—
TLC352MFK
TLC352MJG
—
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC352 CDR).
equivalent schematic (each comparator)
Common to All Channels
VDD
GND
OUT
IN+
IN–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com