Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTC11CP Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWTC11CP
Description  Single Window Single Mode Wideband Tree/Star Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWTC11CP Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWTC11CP Datasheet HTML 1Page - OPLINK Communications Inc. SWTC11CP Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Performance Specifications
Single Window Single Mode Wideband
Tree/Star Coupler (nxm)
Features
Best Uniformity
Low Insertion Loss and PDL
High Directivity
Highly Stable & Reliable
Applications
Telecommunications
CATV Fiber Optic Links
Fiber Amplifier System
Fiberoptic Instruments
SWTC Series
Oplink’s single window, single mode wideband tree and star couplers are high port
count bi-directional products with excellent performance over a wide bandwidth. They
have very good uniformity, low excess loss and very low polarization sensitivity. All
devices are tested according to industry standard test procedures and are supplied
with all pertinent measurement data.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full
functionmodule or subsystem.
Oplink Communications, Inc.
R1.20070926
Single Window Single Mode Wideband Tree/Star Coupler (nxm)
SWTC Series (NxM)
Nx4
Nx5
Nx6
Nx8
Nx16
Nx32
Nx40
Unit
Standard Configuration
Grade
Operating Wavelength
1270 ~ 1350
1528 ~ 1565
1570 ~ 1650
1528 ~ 1610
nm
Operating Temperature
-40 to +70
°C
Storage Temperature
-40 to +85
°C
Maximum Insertion Loss
Max Uniformity
0.8/1.0
Polarization Dependent Loss
Directivity
> 55
dB
Maximum Power Handling
500
mW
Package Dimension *
P1: (L)100 x (W)80 x (H)7
P2: (L)130 x (W)90 x (H)9
P3: (L)160 x (W)110 x (H)11
P4: (L)210 x (W)160 x (H)13
1310 nm
L Band
* Except for 16x16 which uses P4 package
6.7/7.4
8.3/8.7
9.2/9.6
10.2/11.2 13.5/14.5 17.5/18.5 18.8/20.0
0.3
P1
P1
P2
P2
P3*
P4
P4
0.3
dB
dB
dB
mm
C Band
C+L Band
N=1,2,4
N=1
N=1,2
N=1,2,8
N=1,2,16
N=1,2
N=1,2
P/A
P/A
P/A
P/A
P/A
P/A
P/A
1.0/1.2
1.2/1.4
1.5/2.0
2.5/3.0
2.8/3.5
1.2/1.8
0.4
0.8
0.8
0.6
0.5
* The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
** The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified,
does not include contribution from connectors.


Similar Part No. - SWTC11CP

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWTC OPLINK-SWTC Datasheet
354Kb / 2P
Windband Tree/star Coupler
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
Single Window, Single Mode Windband Tree/star Coupler
SWTC314P00012H1 OPLINK-SWTC314P00012H1 Datasheet
354Kb / 2P
Windband Tree/star Coupler
More results

Similar Description - SWTC11CP

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
Single Window Single-Mode Wideband Fiber Coupler
DWTC-S0157 OPLINK-DWTC-S0157 Datasheet
205Kb / 2P
Dual Windows, Single Mode Windband Tree/star Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
Single Window, Single Mode Windband Tree/star Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com