Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL855PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL855PC
Description  CPU 0.6GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL855PC Datasheet HTML 1Page - ADL Embedded Solutions ADL855PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - Plus
Data subject to change without notice
ADL855PC - Pentium® M / Celeron® M CPU 0.6GHz - 1.8GHz
Features
• Intel® Pentium® M / Celeron® M, 0.6GHz - 1.8GHz
• Intel® 855GME / ICH4, 400MHz FSB
• Power Management (APM 1.2 plus features)
• 128MB - 1024MB DDR-SDRAM
• Direct-X Video Controller
• CRT/LCD on-board
• 10/100 Base-T LAN-Ethernet
• 4 x USB2.0 Ports
• EIDE Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• Non Volatile Setup Save
• Single 5VDC Power Supply
Description
The ADL855PC is based on the Intel® Pentium® M / Cel-
eron® M processors offering clock rates up to 1.8GHz. The
Intel® 855GME chipset (GMCH) supports a 400MHz FSB
with integrated Intel® Graphics controller “Extreme Graph-
ics 2“. It can drive either a CRT or LVDS LCD. The mem-
ory is added via an SODIMM200 socket and can accept up
to 1Gigabyte of DDR333 SDRAM.
The ADL855PC power management incorporates ACPI/
APM functions, which utilizes Intel's Advanced SpeedStep®
(Pentium® M only) feature. The standard ADL855PC also
incorporates PCI 2.2 Bus, EIDE, 4xUSB 2.0, 2xRS232
COM ports, PS/2 Keyboard and Mouse, parallel printer,
AC97 Sound, and 10/100MBit LAN and more.
ADL offers highly effective active and passive cooling solu-
tions based on proven thermal data and mounting tech-
niques; resulting in the least possible mechanical board
stress. Please contact your Sales Engineer for detailed
information on cooling solutions to fit your needs.
Ordering Information
Item Codes
Part#
Description
ADL855PC-600C-G5
292243
0.6 GHz, 512k L2 cache, PC/104+ CPU
ADL855PC-373C-G5
292248
1.0 GHz, 512k L2 cache, PC/104+ CPU
ADL855PC-738-G5
292246
1.4 GHz, 2048k L2 cache, PC/104+ CPU
ADL855PC-745-G5
292245
1.8 GHz, 2048k L2 cache, PC/104+ CPU
ADL855PC-140-G5
292268
1.0 GHz, 0k L2 cache, PC/104+ CPU
Additional options are available, please contact our sales department.
SoDIMM200 SDRAM Memory
DDR-DRAM512-3
994925
512MB DDR 333MHz STD TEMP
DDR-DRAM1024-3
994025
1024MB DDR 333MHz STD TEMP
DDR-DRAM512-3EX
994928
512MB DDR 333MHz -40°C - +85°C
DDR-DRAM1024-3EX
994028
1024MD DDR 333MHz -40°C - +85°C
DDR-ECC512
TBD
512MB ECC DDR 333MHz STD TEMP
DDR-ECC1024
TBD
1024MB ECC DDR 333MHz STD TEMP
DDR-ECC512-EX
995928
512MB ECC DDR 333MHz -40°C - +85°C
DDR-ECC1024-EX
995026
1024MB ECC DDR 333MHz -40°C - +85°C
Thermal Solutions
ADL855PC-Fan
293051
Fan Only (not mounted)
ADL855PC-Spreader
293052
Thick Spreader (conductive cooling)
ADLTS2HSS
292054
2 piece Heat-Sink Thermal Solution
ADLTSHSS-Fan
293057
Companion fan for ADLTS2HSS
ADLTS2Pipe
293054
2 Heat-Pipe Thermal Solution
Optional Cables
ADL855PC-CK
293045
Development cable kit
ADL8XX-PC
100-9700 ADL power cable for ADL855/LX8/S15
Individual development cables are available, please contact our sales department.
DDR-DRAM256-3
994825
256MB DDR 333MHz STD TEMP
DDR-DRAM128-3
994715
128MB DDR 333MHz STD TEMP


Similar Part No. - ADL855PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL855PC-370-G5 ADL-ADL855PC-370-G5 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
ADL855PC-373C-G5 ADL-ADL855PC-373C-G5 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
ADL855PC-738-G5 ADL-ADL855PC-738-G5 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
ADL855PC-745-G5 ADL-ADL855PC-745-G5 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
ADL855PC-CK ADL-ADL855PC-CK Datasheet
278Kb / 3P
PC/104-Plus
More results

Similar Description - ADL855PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Panasonic Semiconductor
EHFFD1619 PANASONIC-EHFFD1619 Datasheet
30Kb / 1P
1.8GHz 1:1 Balun
logo
List of Unclassifed Man...
EHFFD1629 ETC-EHFFD1629 Datasheet
29Kb / 1P
1.8GHz 1:1 Balun
logo
Panasonic Semiconductor
EHF2BG1800 PANASONIC-EHF2BG1800 Datasheet
110Kb / 1P
1.8GHZ 1:4 Balum
logo
List of Unclassifed Man...
MSM855 ETC2-MSM855 Datasheet
186Kb / 2P
Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
logo
Linear Technology
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
logo
List of Unclassifed Man...
LEC-2110P ETC2-LEC-2110P Datasheet
249Kb / 2P
Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
logo
Renesas Technology Corp
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com