Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL945PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL945PC
Description  Duo / Core Solo: 1.0GHz - 2.16GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL945PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL945PC Datasheet HTML 1Page - ADL Embedded Solutions ADL945PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104-PLUS
Data subject to change without notice
ADL945PC
Intel® Core™2 Duo / Core™Duo / Core™Solo: 1.0GHz - 2.16GHz
Features
• Intel® Core™2 Duo / Core™Duo / Core™Solo
• 1.0GHz - 2.16GHz
• Power Management
• 256MB - 2048MB DDR2-DRAM
• CRT / LCD interface on-board
• 10/100 Base-T LAN-Ethernet
• 1000 Base-T LAN-Ethernet
• 6x USB2.0 Ports
• PATA Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• Non Volatile Setup Save
• Single 5VDC Power Supply
• 2x SATA
Description
The ADL945PC is based on the Intel® Core™2 Duo /
Core™Duo / Core™Solo Processors, with clock
speeds up to 2.16GHz, and the Intel® 945GM chip-
set, The Intel® Generation 3.5 graphics engine is
integrated into the chipset, along with the Intel®
Graphics Media Accelerator 950 (Intel® GMA 950),
and can drive either a CRT and/or LVDS LCD.
The memory is added by way of a SODIMM200
socket and can accept up to two Gigabytes of DDR2
DRAM. The ADL945PC power management incor-
porates
ACPI/APM
functions.
The
standard
ADL945PC also incorporates PCI/104 Bus, EIDE,
4xUSB 2.0, 2xRS232 COM ports, PS/2 Keyboard
and Mouse, parallel printer, AC97 Sound, separate
10/100Mbit and Gigabit LAN, and more.
ADL offers highly effective active and passive cooling
solutions based on proven thermal data and mount-
ing techniques; resulting in the least possible me-
chanical board stress. Please contact your Sales
Engineer for detailed information on cooling solutions
to fit your needs.
Ordering Information
Item Codes
Part#
Description
ADL945PC-T7400
292115
Dual Core (2) 2.16GHz, 4M cache
ADL945PC-L7400
292116
Dual Core (2) 1.5GHz, 4M cache
ADL945PC-L2400
292113
Dual Core 1.66GHz, 2M cache
ADL945PC-U2500
292112
Dual Core 1.2GHz, 2M cache
ADL945PC-440CM
292111
Single Core 1.86GHz, 1M cache
ADL945PC-423CM
292110
Single Core 1.07GHz, 1M cache*
* Long lead-time may apply to this item
Thermal Solutions
ADLTS2HSS
292054
Two piece heat sink set
ADLTS2Pipe
293054
Patented Chassis-mounted Heat pipe
ADLTS2HSS-Fan
293052
Fan for two piece heat sink set
Other options may be available, please contact our sales department.
Standard DDR-RAM
DDR2-DRAM512
996925
512MB 666MHz 200pin SODIMM
DDR2-DRAM1024
996025
1024MB 666MHz 200pin SODIMM
DDR2-DRAM2048
996125
2048MB 666MHz 200pin SODIMM
Optional Cables
ADL945PC-CK
293046
Development cable kit
ADL9XX-PC
100-9812 ADL power cable for ADL945
Individual development cables are available, please contact our sales department.


Similar Part No. - ADL945PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
160Kb / 2P
Power Management
ADL945PC-423CM ADL-ADL945PC-423CM Datasheet
160Kb / 2P
Power Management
ADL945PC-440CM ADL-ADL945PC-440CM Datasheet
160Kb / 2P
Power Management
ADL945PC-CK ADL-ADL945PC-CK Datasheet
160Kb / 2P
Power Management
ADL945PC-L2400 ADL-ADL945PC-L2400 Datasheet
160Kb / 2P
Power Management
More results

Similar Description - ADL945PC

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCI-531LF PROTECHSYSTEMS-PCI-531LF Datasheet
443Kb / 2P
PCI Intel Core Duo / Solo / Core 2 Duo / Duo LV CPU Card w / VGA / Audio / 2LAN
logo
ADL Embedded Solutions
MSEBX945 ADL-MSEBX945 Datasheet
221Kb / 2P
Duo / Core Solo 1.06GHz - 1.50GHz
ADL945HD ADL-ADL945HD Datasheet
225Kb / 2P
Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
logo
Advantech Co., Ltd.
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
AAEON Technology
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
Advantech Co., Ltd.
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD_15 Datasheet
559Kb / 2P
Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com