Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLLX8PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLLX8PC
Description  LX800 16-Bit ISA PC/104-Plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLLX8PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLLX8PC Datasheet HTML 1Page - ADL Embedded Solutions ADLLX8PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADL PC/104-Plus
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
ADLLX8PC - AMD Geode™ LX800
Features
• AMD Geode™ LX800 / LX900*
• 500MHz / 600Mhz*
• Power Management (ACPI 2.0 & APM 1.2)
• SoDIMM200 up to 1GB DDR-400
• Built In 2GB SSD Flash (optional)
• Built In Geode LX800 @ 0.9W
• CRT/LCD on-board
• 10/100 Base-T LAN-Ethernet
• 4x USB V2.0 Ports
• EIDE Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• AC97 Sound Interface (in & out)
• PC/104-Plus BUS Connector
*AMD Geode ™ LX900 only available for special/custom designs
• Single 5VDC Power Supply
Description
The ADLLX8PC is based on the AMD Geode™ LX embedded proces-
sors, with clock speeds up to 600MHz. It incorporates the full function-
ality of much larger boards into the compact and expandable form
factor of PC/104-Plus. At just 96mm x 90mm in size with a processor
power load as little as 0.9W, the ADLLX8PC is ideal for space con-
strained rugged, mobile and remote applications.
The graphics controller is integrated into the AMD Geode™ chipset
and can drive either a CRT though the VGA port, or LCD by way of an
18-bit LVDS interface. Up to 1GB of DDR-400 SDRAM can be in-
stalled into the SoDIMM200 socket. The ADLLX8PC power manage-
ment incorporates ACPI/APM functions. The standard ADLLX8PC
also incorporates PCI 2.2 Bus, EIDE,, 4xUSB 2.0, 2xRS232 COM
ports, PS/2 Keyboard and Mouse, parallel Printer, AC97 compatible
sound with SPDif In/Out, 10/100MBit LAN and more. Optionally, the
ADLLX8PC may be equipped with a built-in 4GB SSD flash. This
option will dramatically reduce the overall system footprint by provid-
ing a means of full system operation without the need for any type of
external media connection The ADLLX8PC meets all PC/104-Plus
electrical specifications, so it can be “dropped-in” to any compliant
system without changes. With its fast processor and its low power
consumption, the ADLLX8PC is ideal for embedded semi-custom
solutions.
Ordering Information
Item Codes
Part#
Description
ADLLX8PC-F0
292035
LX800 16-Bit ISA PC/104-Plus No Flash
ADLLX8PC-F2
292033
LX800 16-Bit ISA PC/104-Plus w/2GB Flash
ADLLX8PC-F4*
292036*
LX800 16-Bit ISA PC/104-Plus w/4GB Flash
ADLLX8PC
292034
LX800 8-Bit LPC ISA PC/104-Plus No Flash
Cooling Options
ADLTS1LX
292055
Heat Sink, passive
ADLTS2LX
292056
Heat Spreader, .6”
ADLTS3LX
292057
Heat Spreader, 1”
Standard Memory Options
DDR-DRAM128-3
994715
128MB DDR333 for 855/LX800
DDRRAM256-3LX
994823
256MB DDR333 for 855/LX800
DDR-DRAM512-3LX
994923
512MB 333MHz DDR
DDR-DRAM1024-3LX
994023
1024MB 333MHz DDR
Extended Temp, Memory Options
DDR-DRAM256-3EX
994828
256MB 333MHz DDR -40º to +85º C
DDR DRAM512-3EX
994928
512MB 333MHz DDR -40º to +85º C
DDR-DRAM1024-3EX
994028
1024MB 333MHz DDR -40º to +85º C
ADL855PC-CK
293045
Dev. Cable Kit, or ADL855/LX8PC
ADLCF-II-S
989010
Compact Flash to IDE Type II Single
ADLCF-II-D
989020
Compact Flash to IDE Type II Dual
Other options may be available
Accessories and Options
ADLPS104CF
293017
PC/104+ Pwr Supply, +7-28VDC IN, 5VDC OUT.
*check availability


Similar Part No. - ADLLX8PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLLX8PC-F0 ADL-ADLLX8PC-F0 Datasheet
278Kb / 3P
PC/104-Plus
ADLLX8PC-F2 ADL-ADLLX8PC-F2 Datasheet
278Kb / 3P
PC/104-Plus
ADLLX8PC-F4 ADL-ADLLX8PC-F4 Datasheet
278Kb / 3P
PC/104-Plus
ADLLX8PC-F8 ADL-ADLLX8PC-F8 Datasheet
278Kb / 3P
PC/104-Plus
More results

Similar Description - ADLLX8PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3353 ADVANTECH-PCM-3353 Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
PCM-3355 ADVANTECH-PCM-3355 Datasheet
1Mb / 3P
AMD LX800/LX600 PC/104 CPU Module
09-Nov-2009
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
PCM-4153 ADVANTECH-PCM-4153 Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus Module, w/ Onboard Memory/Flash and Wide Temperature Range
logo
AAEON Technology
PFM-T800 AAEON-PFM-T800 Datasheet
431Kb / 1P
ISA Bridge (PCI-104 to PC/104) for PFM-800P
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
Advantech Co., Ltd.
PCM-3353 ADVANTECH-PCM-3353_15 Datasheet
738Kb / 2P
AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
logo
List of Unclassifed Man...
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com