Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC40C Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MPC40C
Description  MICROSPACE Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPC40C Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MPC40C Datasheet HTML 1Page - ADL Embedded Solutions MPC40C Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE® Systems
All Data subject to change without notice
MICROSPACE® - MPC40C
Features
• Pentium M - 738 Standard
• 512MB Memory
• 40GB disk
• DVD/CD-RW
• 5x USB V2.0
• Wake ON LAN and Boot over LAN (RPL/PXE)
• LPT and COM1
• PCCard 1x type III or 2x type II 16/32Bit
• DirectX 9 comp., 64MB video Memory
• VGA, DVI, TV Out
• Expandable via Mini-PCI slot
• 3x BT878 Video Framegrabber with BNC
• Lightweight (< 3kg)
• Compact: 159 x 245 x 66mm
• Fan-less operating temperature +5°C to +50°C*
* with options can be wider range
Description
The MICROSPACE® PC normally comes equipped with a hard disk, memory,
video, USB ports, LAN ports and has been factory tested to assure functionality.
Each model has a unique feature incorporated to differentiate it from the other
models. The unit can come pre-configured with the operating system and drivers
installed.
The MICROSPACE® PC40C may be installed horizontally or vertically as well as
mounted in a vehicle - it is very versatile. Its compact size makes the computer
ideal and easy to install in space constrained environments. The fan-less design
of the MICROSPACE® PC enables it to excel in extremely dusty environments,
since no dust particles are drawn in and it is protected by the book size alumi-
num case. The MICROSPACE® PC is designed for maintenance free long-term
operating in a rugged environment.
These are some of the special features of the MICROSPACE® PC which make it
the smallest, quietest PC we know of in the market with this much processing
power. Each MICROSPACE® PC model is equipped with unique features and a
wide range of options. Please see page two for details and contact our sales
office to get yours today.
Ordering Information
Item Codes
Part#
Description
MICROSPACE-PC40C
812420
1.4 GHz System & PCMCIA
Processor Options
Celeron-M140
807356
Replace CPU with CeleronM140
Celeron-M373
807357
Replace CPU with CeleronM373
Pentium–M745
807358
Replace CPU with Pentium M745
Drive and Memory Options
1 GB
807363
Upgrade to 1GB DDR memory
CF upgrade
807373
Compact Flash Type II
Hard drive removed
807377
Remove Hard drive
80GB HDD
807365
Upgrade to 80GB Hard Drive
160GB HDD
807387
Upgrade to 160GB Hard Drive
40GB ext. temp HD
807374
Replace std drive w/Extended temp.
DVD/CDRW remove
807375
Remove DVD/CDRW
DVDRW
807371
Upgrade CDROM to DVDRW/CDRW
COM Options And Accessories
COM1 as RS422/485
807381
Upgrade COM1 as 422/485
COM2 upgrade
807382
Upgrade COM2 in place of LPT1
US Power Cable
100-9639
US Power Cable
MPC-DIN
812120
DIN rail Wall mount Assembly (w/o rail)
Active cooler
814190
USB 5VDC fan
MPC-AC-cooler
814195
Mechanical interface to a vehicle A/C
MPC-Mountingkit-V
814055
Mounting kit for MPC in Vehicle
*More options may be available, please contact our Sales office*
Cooling Options


Similar Part No. - MPC40C

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
More results

Similar Description - MPC40C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com