Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSEP855 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSEP855
Description  smartCore dependent see below
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSEP855 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSEP855 Datasheet HTML 1Page - ADL Embedded Solutions MSEP855 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROSPACE - EPIC
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Feature Technical Specifications
FEATURES
FUNCTIONS
FUNCTIONS
COMMENTS
Item code
MSEP855
MSEP855L
CPU
SM855-xxx
SM855-xxx
2nd Level Cache
CPU dependent
CPU dependent
Performance (MHz)
0.6 - 1.8GHz
0.6 - 1.8GHz
DRAM Min-Max (MB)
128MB to 1GB DDR DRAM
128MB to 1GB DDR DRAM
Power Management
ACPI
DiskOnChip Socket
CompactFlash Socket
1x type II
-
Mouse, Keyboard
Optional PS/2
USB
CONI for PS/2
Floppy Interface
Microfloppy 26 pin
Microfloppy 26 pin
IDE Interface P-ATA
2x
2x
IDE-Interface S-ATA
-
-
COM1
RS232C
RS232C
COM2
RS232C
RS232C
COM3 (RS232 or 422)
TTL
-
MSEPCONI I for RS232
COM4 (RS232 or 422)
TTL
-
MSEPCONI I for RS232
LPT1
optional
optional
MSEPCONI I
USB
6x V2.0 (+ 2 headers)
6x V2.0 (+ 2 headers)
LAN-PortA
10/100Base-T
10/100Base-T
Intel 8255IER
LAN-Port B
1GBit Ethernet
-
Audio
AC97 Stereo
AC97 Stereo
Video Controller
855GME Extreme Graphic
855GME Extreme Graphic
Video Datapath
64 Bit
64 Bit
Video Memory
64MB
64MB
DVI Display
option
MSEP855CONM
Digital I/O
24Bit
-
EEPROM Support
yes
yes
Watchdog
yes
yes
Power Normal
10V-30V 18W (typ.@800MHz)
10V-30V 18W (typ.@800MHz)
Wide range
Power Suspend
8W (typ)
8W (typ)
Cooling Type
Passive/active
Passive/active
Operating Temp.
0°C to 60°C
0°C to 60°C
Extended Temp.
-40°C to 70°C
-
Size (mm)
165x115x36
165x115x36
Weight (gr)
350gr
350gr
MTBF
>200’000h
>200’000h
RTC Battery
410mAh on board
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com