Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586SEG Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSM586SEG
Description  133MHz, 0MB SDRAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM586SEG Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSM586SEG Datasheet HTML 1Page - ADL Embedded Solutions MSM586SEG Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
Feature Technical Specifications
FEATURES
FUNCTIONS
FUNCTION
REMARKS
Item code
MSM586SEG
MSM586SEL
MSM586SEN
CPU
ELAN520
ELAN520
ELAN520
2nd Level Cache
Performance (MHz)
133
133
133
DRAM Min-Max (MB)
SODIMM 32-128 SDRAM
SODIMM 32-128 SDRAM
SODIMM 32-128 SDRAM
Power Management
DiskOnChip Socket
yes
yes
yes
CompactFlash Socket
yes
yes
yes
Mouse, Keyboard
yes
yes
yes
Floppy Interface
yes
yes
yes
IDE Interface
yes (LB)
yes (LB)
yes (LB)
Onboard Flash
DOC/CF
DOC/CF
DOC/CF
COM1
RS232C (422/485 optional)
RS232C (422/485 optional)
RS232C (422/485 optional)
COM2
RS232C (422/485 optional)
RS232C (422/485 optional)
RS232C (422/485 optional)
COM3
RS232C (422/485 optional)
RS232C (422/485 optional)
RS232C (422/485 optional)
COM4
RS232C (422/485 optional)
RS232C (422/485 optional)
RS232C (422/485 optional)
LPT1
yes
yes
yes
USB
2 (V1.1)
2 (V1.1)
LAN
100/10BASE-T
100/10BASE-T
100/10BASE-T
Audio
Video Controller
ATI M1
Video Datapath
PCI
Video Memory
8MB
CRT Video
yes (VGA)
LCD Interface
24 Bit TFT 3V
LCD Resolution
1280 x 1024 x 256
Video Input
EEPROM Support
yes
yes
yes
Watchdog
yes
yes
yes
Power Normal (typ)
5V/~980mA (@64/133)
5V/~860mA (@32/133)
5V/~860mA (@32/133)
Power Suspend
Cooling Type
passive
passive
passive
Operating Temp.
-25°C to +70°C
-25°C to +70°C
-25°C to +70°C
Extended Temp.
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Weight (gr)
100
100
80
MTBF
> 200’000 h
> 200’000 h
> 200’000 h



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com